Electronic Components Datasheet Search
  English  ▼

X  

ML7066 Datasheet(PDF) 25 Page - LAPIS Semiconductor Co., Ltd.

Part # ML7066
Description  400MHz Transceiver IC for Specified Low-Power Station
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML7066 Datasheet(HTML) 25 Page - LAPIS Semiconductor Co., Ltd.

Back Button ML7066 Datasheet HTML 21Page - LAPIS Semiconductor Co., Ltd. ML7066 Datasheet HTML 22Page - LAPIS Semiconductor Co., Ltd. ML7066 Datasheet HTML 23Page - LAPIS Semiconductor Co., Ltd. ML7066 Datasheet HTML 24Page - LAPIS Semiconductor Co., Ltd. ML7066 Datasheet HTML 25Page - LAPIS Semiconductor Co., Ltd. ML7066 Datasheet HTML 26Page - LAPIS Semiconductor Co., Ltd. ML7066 Datasheet HTML 27Page - LAPIS Semiconductor Co., Ltd. ML7066 Datasheet HTML 28Page - LAPIS Semiconductor Co., Ltd. ML7066 Datasheet HTML 29Page - LAPIS Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 25 / 29 page
background image
FEDL7066-01
ML7066
25/29
Component List of ML7066 Evaluation Board
Parts No.
Type No.
Vendors
Remarks
IC1
ML7066
LAPIS Semiconductor
IC2
µPD5710TK
NEC
CMOS SPDT SW
SAW1
NSVA398
Japan Radio
426MHz band SAW Filter
NSVA399
429MHz band SAW Filter
MCF1
21412AD
Daishinku
Quartz filter 21.4MHz
CF1
CFUKG455KF4A-R0
Murata Manufacturing
Ceramic filter 455kHz
X1
DSX530GA
Daishinku
Crystal oscillator 19.2MHz
C1
1000pF
Murata Manufacturing
GRM1882 or equivalent
C2
1000pF
Murata Manufacturing
GRM1882 or equivalent
C3
4pF
Murata Manufacturing
GRM1882 or equivalent
C4
4pF
Murata Manufacturing
GRM1882 or equivalent
C5
1000pF
Murata Manufacturing
GRM1882 or equivalent
C6
5pF
Murata Manufacturing
GRM1882 or equivalent
C7
1.5pF
Murata Manufacturing
GRM1884 or equivalent
C8
7pF
Murata Manufacturing
GRM1882 or equivalent
C9
100pF
Murata Manufacturing
GRM1882 or equivalent
C10
1000pF
Murata Manufacturing
GRM1882 or equivalent
C11
1000pF
Murata Manufacturing
GRM1882 or equivalent
C12
1000pF
Murata Manufacturing
GRM1882 or equivalent
C13
1000pF
Murata Manufacturing
GRM1882 or equivalent
C14
15pF
Murata Manufacturing
GRM1882 or equivalent
C15
1000pF
Murata Manufacturing
GRM1882 or equivalent
C16
0.1µF
Murata Manufacturing
GRM1882 or equivalent
C17
15pF
Murata Manufacturing
GRM1882 or equivalent
C18
15pF
Murata Manufacturing
GRM1882 or equivalent
C19
3300pF
Murata Manufacturing
GRM1882 or equivalent
C20
10µF
NEC
E/SV line-up or equivalent
C21
4.7µF
NEC
E/SV line-up or equivalent
C22
10pF
Murata Manufacturing
GRM1882 or equivalent
C23
1000pF
Murata Manufacturing
GRM1882 or equivalent
C24
10pF
Murata Manufacturing
GRM1882 or equivalent
C25
1000pF
Murata Manufacturing
GRM1882 or equivalent
C26
10µF
Murata Manufacturing
GRM188 or equivalent
C27
10pF
Murata Manufacturing
GRM1882 or equivalent
C28
1000pF
Murata Manufacturing
GRM1882 or equivalent
C29
1µF
Murata Manufacturing
GRM1882 or equivalent
C30
1µF
Murata Manufacturing
GRM1882 or equivalent
C31
10µF
NEC
E/SV line-up or equivalent
C32
1µF
Murata Manufacturing
GRM1882 or equivalent
C33
10µF
NEC
E/SV line-up or equivalent
C34
1000pF
Murata Manufacturing
GRM1882 or equivalent
C35
1000pF
Murata Manufacturing
GRM1882 or equivalent
L1
27nH
Murata Manufacturing
LQG18 or equivalent
L2
15nH
Murata Manufacturing
LQG18 or equivalent
L3
6.2nH
Murata Manufacturing
LQW18AN6N2D00
L4
3.9nH
Murata Manufacturing
LQW18AN3N9D10
L5
18nH
Murata Manufacturing
LQG18 or equivalent
L6
18nH
Murata Manufacturing
LQG18 or equivalent
L7
15nH
Murata Manufacturing
LQW18AN15NJ10
R1
2kΩ
KOA
RK73B 1J or equivalent
R2
2kΩ
KOA
RK73B 1J or equivalent
R3
1.5kΩ
KOA
RK73B 1J or equivalent
R4
1.5kΩ
KOA
RK73B 1J or equivalent
R5
16kΩ
KOA
RK73B 1J or equivalent
R6
200Ω
KOA
RK73B 1J or equivalent
R7
10kΩ
KOA
RK73B 1J or equivalent
R8
10Ω
KOA
RK73B 1J or equivalent
R9
47kΩ
KOA
RK73B 1J or equivalent
R10 (* 1)
10kΩ
KOA
RK73B 1J or equivalent
(* 1): This resistor can be inserted anywhere in the connected power line, but mandatory.
In some past cases, ML7066 could not start up successfully without this resistor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com