Electronic Components Datasheet Search
  English  ▼

X  

ML7066 Datasheet(PDF) 16 Page - LAPIS Semiconductor Co., Ltd.

Part # ML7066
Description  400MHz Transceiver IC for Specified Low-Power Station
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML7066 Datasheet(HTML) 16 Page - LAPIS Semiconductor Co., Ltd.

Back Button ML7066 Datasheet HTML 12Page - LAPIS Semiconductor Co., Ltd. ML7066 Datasheet HTML 13Page - LAPIS Semiconductor Co., Ltd. ML7066 Datasheet HTML 14Page - LAPIS Semiconductor Co., Ltd. ML7066 Datasheet HTML 15Page - LAPIS Semiconductor Co., Ltd. ML7066 Datasheet HTML 16Page - LAPIS Semiconductor Co., Ltd. ML7066 Datasheet HTML 17Page - LAPIS Semiconductor Co., Ltd. ML7066 Datasheet HTML 18Page - LAPIS Semiconductor Co., Ltd. ML7066 Datasheet HTML 19Page - LAPIS Semiconductor Co., Ltd. ML7066 Datasheet HTML 20Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 29 page
background image
FEDL7066-01
ML7066
16/29
Current Consumption Specifications
(Operation power supply voltage: VDDIO=VREGIN=2.1V - 3.6V, Ta=-25 - +65°C)
Item
Symbol
Condition
Min.
Typ. (*7)
Max.
Unit
IDDS
Total-stop state
—
0.7
—
µA
IDD1
Sleep state
—
4
—
µA
IDD3
Idle state
—
2
—
mA
IDD4
Receiving state
(*8)
—
15.5
—
mA
Current consumption
(*6)
IDD5
Transmitting state
(*8)
—
29.5
—
mA
*6: The current consumption is the total current of the RF power supply pins (VDD_RF, VDD_MIX, VDD_IF, VDD_VCO,
VDD_CP, and VDD_PLL pins) and the digital power supply pins (VDDIO and VREG_IN pins).
*7: The “Typ.” condition is VDDIO = VREGIN =3.0V, 25°C.
*8: The value applies to the following conditions (a higher value may occur depending on the MCU operation):
SCI interface clock is 2MHz; data transfer rate is 4800bps.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com