Electronic Components Datasheet Search
  English  ▼

X  

ML7066 Datasheet(PDF) 11 Page - LAPIS Semiconductor Co., Ltd.

Part # ML7066
Description  400MHz Transceiver IC for Specified Low-Power Station
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML7066 Datasheet(HTML) 11 Page - LAPIS Semiconductor Co., Ltd.

Back Button ML7066 Datasheet HTML 7Page - LAPIS Semiconductor Co., Ltd. ML7066 Datasheet HTML 8Page - LAPIS Semiconductor Co., Ltd. ML7066 Datasheet HTML 9Page - LAPIS Semiconductor Co., Ltd. ML7066 Datasheet HTML 10Page - LAPIS Semiconductor Co., Ltd. ML7066 Datasheet HTML 11Page - LAPIS Semiconductor Co., Ltd. ML7066 Datasheet HTML 12Page - LAPIS Semiconductor Co., Ltd. ML7066 Datasheet HTML 13Page - LAPIS Semiconductor Co., Ltd. ML7066 Datasheet HTML 14Page - LAPIS Semiconductor Co., Ltd. ML7066 Datasheet HTML 15Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 29 page
background image
FEDL7066-01
ML7066
11/29
Notes on Operation
This section describes the notes on using the ML7066.
1) Initial settings
Initial settings are required for optimization of the RF characteristics. Perform the following ML7066 initial settings after reset.
ML7066 Initial Settings
No.
Direction
Type
Command
Data
SCI format
1
ML7066
→ MCU
Confirm
0x15
0x07
SDO: 0C 02 15 07
2
MCU
→ ML7066
Request
0x5F
0x8888
SDI: 08 03 5F 88 88
3
MCU
→ ML7066
Request
0x42
0x2111
SDI: 08 03 42 11 21
4
MCU
→ ML7066
Request
0x40
0xB587
SDI: 08 03 40 87 B5
5
MCU
→ ML7066
Request
0x41
0x82E9
SDI: 08 03 41 E9 82
6
MCU
→ ML7066
Request
0x47
0x0883
SDI: 08 03 47 83 08
7
MCU
→ ML7066
Request
0x43
0xFE01
SDI: 08 03 43 01 FE
8
MCU
→ ML7066
Request
0x45
0x0020
SDI: 08 03 45 20 00
9
MCU
→ ML7066
Request
0x02
0x09
SDI: 08 02 02 09
10
ML7066
→ MCU
Confirm
0x03
0x07
SDO: 0C 02 03 07
11
MCU
→ ML7066
Request
0x4D
0x0040
SDI: 08 03 4D 40 00
12
Set 2msec WAIT for MCU.
13
MCU
→ ML7066
Request
0x02
0x08
SDI: 08 02 02 08
14
ML7066
→ MCU
Confirm
0x03
0x07
SDO: 0C 02 03 07
15
MCU
→ ML7066
Request
0x45
0x0000
SDI: 08 03 45 00 00
16
MCU
→ ML7066
Request
0x42
0x2110
SDI: 08 03 42 10 21
17
MCU
→ ML7066
Request
0x5F
0x0000
SDI: 08 03 5F 00 00
2) Notification from ML7066
If ML7066 state settings cause a mismatch between an instruction and an internal status, a confirmation that is not listed in the
data sheet may be notified fairly infrequently. If you receive such a confirmation, simply discard it.
Example)
04_00 (Confirmation with Length=0)
04_02_02_02 (SET_TRX_STATE.request never has the data 02)
04_05_05_05_05_05_05 (SET_RSSI.indication never has Length=5)
3) Seal
The first and second generations are distinguished by the seal.
The seal of the second generation is ML7066B.
Note that the first generation includes the following restriction.
Restrictions: The timer value set in the SET_TIMER.request command should be 15 seconds or shorter.
4) Regulator
The regulator in ML7066 has a built-in overcurrent protection circuit. The current control is switched between the following
two levels, based on the supplied voltage. We have verified that the overcurrent protection circuit can prevent an occurred
inrush current from affecting the function and lifetime of ML7066. However, it cannot prevent an inrush current of the charge
in bypass capacitors or other parts at power-on alone. You should verify the protection on your implementation.
For a low VREG_OUT output voltage (VREG_IN*0.45V or lower): clamped at about 100mA.
For a high VREG_OUT output voltage (VREG_IN*0.45V or higher): clamped at about 500mA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com