Electronic Components Datasheet Search
  English  ▼

X  

MICRF230 Datasheet(PDF) 6 Page - Micrel Semiconductor

Part # MICRF230
Description  400MHz to 450MHz ASK/OOK Receiver with RSSI and Squelch
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF230 Datasheet(HTML) 6 Page - Micrel Semiconductor

Back Button MICRF230 Datasheet HTML 2Page - Micrel Semiconductor MICRF230 Datasheet HTML 3Page - Micrel Semiconductor MICRF230 Datasheet HTML 4Page - Micrel Semiconductor MICRF230 Datasheet HTML 5Page - Micrel Semiconductor MICRF230 Datasheet HTML 6Page - Micrel Semiconductor MICRF230 Datasheet HTML 7Page - Micrel Semiconductor MICRF230 Datasheet HTML 8Page - Micrel Semiconductor MICRF230 Datasheet HTML 9Page - Micrel Semiconductor MICRF230 Datasheet HTML 10Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
Micrel, Inc.
MICRF230
Electrical Characteristics (Continued)
VDD = 5.0V, VEN = 5V, SQ = Open, CAGC = 4.7µF, CCTH = 0.1µF, unless otherwise noted. Bold values indicate –
40°C ≤ TA ≤ +105°C.
Symbol
Parameter
Condition
Min.
Typ.
Max.
Units
Startup Time
(7)
From EN To Data Output Time
433.92MHz at
−100dBm,
AGC capacitor = 4.7µF
48
ms
433.92MHz at
−100dBm,
AGC capacitor = 2.2µF
26
433.92MHz at
−100dBm,
AGC capacitor = 1µF
(8)
12
433.92MHz at
−100dBm,
AGC capacitor = 0.47 µF
(8)
5
Notes:
7.
The startup time is measured from EN pin low to high until steady data output at DO.
8.
AGC cap values of 0.47uF and 1µF are not recommended for Auto-poll, it is applicable only for normal reception mode.
April 15, 2015
6
Revision 2.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com