Electronic Components Datasheet Search
  English  ▼

X  

MICRF230 Datasheet(PDF) 14 Page - Micrel Semiconductor

Part # MICRF230
Description  400MHz to 450MHz ASK/OOK Receiver with RSSI and Squelch
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF230 Datasheet(HTML) 14 Page - Micrel Semiconductor

Back Button MICRF230 Datasheet HTML 10Page - Micrel Semiconductor MICRF230 Datasheet HTML 11Page - Micrel Semiconductor MICRF230 Datasheet HTML 12Page - Micrel Semiconductor MICRF230 Datasheet HTML 13Page - Micrel Semiconductor MICRF230 Datasheet HTML 14Page - Micrel Semiconductor MICRF230 Datasheet HTML 15Page - Micrel Semiconductor MICRF230 Datasheet HTML 16Page - Micrel Semiconductor MICRF230 Datasheet HTML 17Page - Micrel Semiconductor MICRF230 Datasheet HTML 18Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
Micrel, Inc.
MICRF230
Application Information
Length of Preamble
When the MICRF230 returns to operation from shut down
stage, the preamble of the corresponding transmitter
should be long enough to guarantee that the MICRF230
becomes fully awake during the preamble portion of the
burst. This way the entire data portion will be received.
Figure 7 shows an example of insufficient length preamble.
MICRF230 starts demodulating output bits during the data
portion of the burst, so by the time it becomes fully awake
and releases DO, part of the data portion is lost. In Figure
8, the preamble length is sufficient. The chip has enough
preambles to be demodulated with a steady data portion.
Figure 7. Preamble Length
− Too Short
Figure 8. Preamble Length
− Sufficient
Antenna and RF Port Connections
The evaluation board offers two options of injecting the RF
input signal: through a PCB antenna or through a 50
Ω
SMA
connector.
The
SMA
connection
allows
for
conductive testing, or an external antenna.
Low-Noise Amplifier Input Matching
Capacitor C3 and inductor L2 form the “L” shape input
matching network to the SMA connector. The capacitor
cancels out the inductive portion of the net impedance
after
the
shunt
inductor,
and
provides
additional
attenuation for low-frequency outside band noise.
The
inductor is chosen to over resonate the net capacitance at
the pin, leaving a net-positive reactance and increasing the
real part of the impedance. It also provides additional ESD
protection for the antenna pin. The input impedance of the
device is listed in Table 5 to aid calculation of matching
values. Note that the net impedance at the pin is easily
affected by component pads parasitic due to the high input
impedance of the device. The numbers in Table 5 does
NOT
include
trace
and
component
pad
parasitic
capacitance, which total about 0.75pF on the evaluation
board.
The matching components to the PCB antenna (L2 and
C2) were empirically derived for best over-the-air reception
range.
Table 5. Input Impedance for the Most Used Frequencies
Frequency (MHz)
Z Device (
Ω)
418
8.98
− j152
433.92
13.5
− j150
Crystal Selection
The crystal resonator provides a reference clock for all the
device internal circuits.
Crystal tolerance needs to be
chosen such that the down-converted signal is always
inside the IF bandwidth of MICRF230.
From this
consideration, the tolerance should be
±50ppm on both the
transmitter and the MICRF230 side. The ESR should be
less than 300Ω, and the temperature range of the crystal
should match the range required by the application. With
the Abracon crystal listed in the Bill of Materials, a typical
MICRF230 crystal oscillator still starts up at 105
°C with
additional 400Ω series resistance.
The oscillator of the MICRF230 is a pierce-type oscillator.
Good care must be taken when laying out the printed
circuit board. Avoid long traces and place the ground plane
on the top layer close to the REFOSC pins RO1 and RO2.
When care is not taken in the layout, and the crystals used
are not verified, the oscillator may not start or takes longer
to start. Time-to-good-data will be longer as well.
April 15, 2015
14
Revision 2.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com