Electronic Components Datasheet Search
  English  ▼

X  

MICRF230 Datasheet(PDF) 11 Page - Micrel Semiconductor

Part # MICRF230
Description  400MHz to 450MHz ASK/OOK Receiver with RSSI and Squelch
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF230 Datasheet(HTML) 11 Page - Micrel Semiconductor

Back Button MICRF230 Datasheet HTML 7Page - Micrel Semiconductor MICRF230 Datasheet HTML 8Page - Micrel Semiconductor MICRF230 Datasheet HTML 9Page - Micrel Semiconductor MICRF230 Datasheet HTML 10Page - Micrel Semiconductor MICRF230 Datasheet HTML 11Page - Micrel Semiconductor MICRF230 Datasheet HTML 12Page - Micrel Semiconductor MICRF230 Datasheet HTML 13Page - Micrel Semiconductor MICRF230 Datasheet HTML 14Page - Micrel Semiconductor MICRF230 Datasheet HTML 15Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
Micrel, Inc.
MICRF230
ASK/OOK Demodulator
The demodulator section is comprised of detector,
programmable
low
pass
filter,
slicer,
and
AGC
comparator.
Detector and Programmable Low-Pass Filter
The demodulation starts with the detector removing the
carrier from the IF signal. Post detection, the signal
becomes baseband information. The low-pass filter
further enhances the baseband signal.
There are four selectable low-pass filter BW settings:
1625Hz, 3250Hz, 6500Hz and 13000Hz for 433.92MHz
operation. The low-pass filter BW is directly proportional
to the crystal reference frequency, and RF Operating
Frequency. Filter BW values can be easily calculated by
direct scaling. Equation 5 illustrates filter Demod BW
calculation:
BWOperating Freq = BW@433.92MHz ×
433.92
(MHz)
Freqruency
Operating
Eq. 5
It is very important to select a suitable low-pass filter BW
setting for the required data rate to minimize bit error
rate.
Use the sensitivity curves that show BER vs. bit
rates for different SEL0:SEL1 settings as a guide.
This
low-pass
filter
with
−3dB corner frequency
bandwidth can be configured by setting the registers as in
Table 1 for 433.92MHz.
Table 1. Low-Pass Filter Bandwidth Selection @ 434MHz RF
Input
SEL1
SEL0
Low-Pass
Filter BW
Maximum
Encoded Bit Rate
0
0
1625Hz
2.5KBps
0
1
3250Hz
5KBps
1
0
6500Hz
10KBps
1
1
13000Hz
20KBps
Bit rate refers to the encoded bit rate. Encoded bit rate is
1/(shortest pulse duration) that appears at DO:
Figure 3. Transmitted Bit Rate through the air
Slicer and CTH
The signal before the slicer, labeled “Audio Signal” in
Figure 1, is still a baseband analog signal. The data slicer
converts the analog signal into ones and zeros based on
50% of the slicing threshold voltage built up in the CTH
capacitor. After the slicer, the signal is demodulated OOK
digital data. When there is only thermal noise at ANT pin,
the voltage level on CTH pin is about 650mV. This
voltage starts to drop when there is RF signal present.
When the RF signal level is greater than
−100dBm, the
voltage is about 400mV.
The capacitor value from the CTH pin to GND is not
critical to the sensitivity of MICRF230. However, it should
be large enough to provide a stable slicing level for the
comparator. The
0.1μF value used in the evaluation board
is good for all bit rates from 500bps to 20kbps.
CTH Hold Mode
If the internal demodulated signal (DO in Figure 1) is at
logic LOW for more than approximately 4ms, the chip
automatically enters CTH hold mode, which holds the
voltage on CTH pin constant even without a RF input
signal. This is useful in a transmission gap, or “dead
time”, used in many encoding schemes. When the signal
reappears, CTH voltage does not need to resettle. This
improves the time to output with no pulse width distortion,
or time to good data (TTGD).
AGC Loop
The AGC comparator monitors the signal amplitude from
the output of the programmable low-pass filter. The AGC
loop in the chip regulates the signal from the output point
to be at a constant level when the input RF signal is
within the AGC loop dynamic range (about
−115dBm to
−40dBm).
When the chip first turns on, the fast charge feature
charges the AGC node up with 120µA typical current.
When the voltage on AGC increases, the gains of the
mixer and IF amplifier go up, increasing the amplitude of
the audio signal (as labeled in Figure 1), even with only
thermal noise at the LNA input. The fast-charge current is
disabled when the audio signal crosses the slicing
threshold, causing DO’ to go high, for the first time.
When an RF signal is applied, a fast-attack period
ensues when 600µA current discharges the AGC node to
reduce the gain to a proper level. Once the loop reaches
equilibrium, the fast attack current is disabled, leaving
only 15µA to discharge AGC or 1.5µA to charge AGC.
The fast attack current is enabled only when the RF
signal increases faster than the ability of the AGC loop to
track it.
The ability of the chip to track to a signal that decreased
in strength becomes much slower, since only 1.5
μA is
available to charge the AGC to increase the gain. When
designing a transmitter that communicates with the
April 15, 2015
11
Revision 2.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com