Electronic Components Datasheet Search
  English  ▼

X  

MICRF230 Datasheet(PDF) 18 Page - Micrel Semiconductor

Part # MICRF230
Description  400MHz to 450MHz ASK/OOK Receiver with RSSI and Squelch
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF230 Datasheet(HTML) 18 Page - Micrel Semiconductor

Back Button MICRF230 Datasheet HTML 12Page - Micrel Semiconductor MICRF230 Datasheet HTML 13Page - Micrel Semiconductor MICRF230 Datasheet HTML 14Page - Micrel Semiconductor MICRF230 Datasheet HTML 15Page - Micrel Semiconductor MICRF230 Datasheet HTML 16Page - Micrel Semiconductor MICRF230 Datasheet HTML 17Page - Micrel Semiconductor MICRF230 Datasheet HTML 18Page - Micrel Semiconductor MICRF230 Datasheet HTML 19Page - Micrel Semiconductor MICRF230 Datasheet HTML 20Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
Micrel, Inc.
MICRF230
Bill of Materials
− MICRF230 Evaluation Board (433.92MHz)
Item
Part Number
Manufacturer
Description
Qty.
C1
GRM1555C1H1R2CA01
Murata
(10)
1.2pF
±0.25pF, 0402 Capacitor
1
C6
TAJA475M016RNJ
AVX
(11)
4.7μF ±20%, Size A, Tantalum Capacitor
1
C9
GRM188R71E104K
Murata
0.1μF ±10%, 0603 Capacitor
1
C10
GRM188R71E105K
Murata
1μF ±10%, 0603 Capacitor
1
C5
GRM188R71E104K
Murata
0.1μF ±10%, 0603 Capacitor
0
C3, C4
GRM1555C1H100JA01
Murata
10pF
±5%, 0402 Capacitor
2
C2
GRM1555C1H2R7CA01
Murata
2.7pF
±0.25pF, 0402 Capacitor
1
SMA
NP, SMA, Edge Conn.
0
J4
571-41031480
Mouser
(12)
AMPMODU Breakaway Headers 40 P(6pos) R/A Header
Gold
1
L1
0603CS-36NXJL
Coilcraft
(13)
36nH
±5%, 0603 Wire Wound Chip Inductor
1
L2
0603CS-27NXJL
Coilcraft
27nH
±5%, 0603 Wire Wound Chip Inductor
1
R1
CRCW0402100KFKEA
Vishay
(14)
100kΩ ±5%, 0402 Resistor
1
R2
NP
3
C7, C8
NP
2
R3, R4
CRCW0402000KFKEA
Vishay
0 OHM +/-5%, 0402 Resistor
2
Y1
ABLS-13.52313MHz-10J4Y
Abracon
(15)
13.52313MHz, HC49/US
1
Y2
DSX321GK-13.52313MHz
KDS
(16)
NP, (13.52313MHz,
−40°C to +105°C), DSX321GK
0
U1
MICRF230YQS
Micrel, Inc
(17)
400MHz to 450MHz ASK/OOK Receiver with RSSI, and
Squelch
1
Notes:
10. Murata: www.murata.com.
11. AVX: www.avx.com.
12. Mouser: www.mouser.com.
13. Coilcraft: www.coilcraft.com.
14. Vishay: www.website.com.
15. Abracon: www.abracon.com.
16. KDS: www.kds.info/index_en.htm.
17. Micrel, Inc.: www.micrel.com.
April 15, 2015
18
Revision 2.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com