Electronic Components Datasheet Search
  English  ▼

X  

MICRF230 Datasheet(PDF) 15 Page - Micrel Semiconductor

Part # MICRF230
Description  400MHz to 450MHz ASK/OOK Receiver with RSSI and Squelch
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF230 Datasheet(HTML) 15 Page - Micrel Semiconductor

Back Button MICRF230 Datasheet HTML 11Page - Micrel Semiconductor MICRF230 Datasheet HTML 12Page - Micrel Semiconductor MICRF230 Datasheet HTML 13Page - Micrel Semiconductor MICRF230 Datasheet HTML 14Page - Micrel Semiconductor MICRF230 Datasheet HTML 15Page - Micrel Semiconductor MICRF230 Datasheet HTML 16Page - Micrel Semiconductor MICRF230 Datasheet HTML 17Page - Micrel Semiconductor MICRF230 Datasheet HTML 18Page - Micrel Semiconductor MICRF230 Datasheet HTML 19Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
Micrel, Inc.
MICRF230
PCB Considerations and Layout
The MICRF230 evaluation board is a good starting point
for prototyping of most applications. The Gerber files are
downloadable from the Micrel website and contain the
remaining layers needed to fabricate this board. When
copying or making one’s own boards, make the traces as
short as possible. Long traces alter the may become
invalid. Suggested matching values may vary due to PCB
variations. A PCB trace 100 mils (2.5mm) long has about
1.1nH inductance. Optimization should always be done
with range tests. Make sure the individual ground
connection has a dedicated via rather than sharing a few
of ground points by a single via. Sharing ground via will
increase the ground path inductance. Ground plane should
be solid and with no sudden interruptions. Avoid using the
ground plane on the top layer next to the matching
elements. It normally adds additional stray capacitance
which changes the matching. Do not use Phenolic
materials as they are conductive above 200MHz. FR4 or
better materials are recommended. The RF path should be
as straight as possible to avoid loops and unnecessary
turns. Separate ground and VDD lines from other digital or
switching power circuits (such as microcontrollers, etc.).
Known sources of noise should be laid out as far as
possible from the RF circuits. Avoid unnecessary wide
traces which would add more distribution capacitance
(between top trace to bottom GND plane) and alter the RF
parameters.
April 15, 2015
15
Revision 2.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com