Electronic Components Datasheet Search
  English  ▼

X  

MICRF230 Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # MICRF230
Description  400MHz to 450MHz ASK/OOK Receiver with RSSI and Squelch
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF230 Datasheet(HTML) 3 Page - Micrel Semiconductor

  MICRF230 Datasheet HTML 1Page - Micrel Semiconductor MICRF230 Datasheet HTML 2Page - Micrel Semiconductor MICRF230 Datasheet HTML 3Page - Micrel Semiconductor MICRF230 Datasheet HTML 4Page - Micrel Semiconductor MICRF230 Datasheet HTML 5Page - Micrel Semiconductor MICRF230 Datasheet HTML 6Page - Micrel Semiconductor MICRF230 Datasheet HTML 7Page - Micrel Semiconductor MICRF230 Datasheet HTML 8Page - Micrel Semiconductor MICRF230 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
Micrel, Inc.
MICRF230
Pin Description (Continued)
Pin
Number
Pin
Name
Type
Pin Function
10
DO
Output
Demodulation data output. A current limited CMOS output in normal operation. An internal
pull-
down of 25kΩ is present when device is in shutdown.
11
SEL1
Input
Logic control input with active internal pull-up (3µA typical). It can be used to select the low-
pass filter bandwidth in the absence register control (Table 1).
12
SEL0
Input
Logic control input with active internal pull-up (3µA typical). It can be used to select the low-
pass filter bandwidth in the absence register control (Table 1).
13
CTH
Input/Output
Demodulation threshold voltage integration capacitor. Capacitor to GND sets the settling time
for the demodulation data slice level. Values above 1nF are recommended and should be
optimized for data rate and data profile. Connect a 0.1µF capacitor from CTH pin to GND to
provide a stable slicing threshold.
14
AGC
Input/Output
AGC filter capacitor connection. Connect a capacitor from this pin to GND. Refer to the “AGC
Loop” in the Receiver Operation section for information on the capacitor value.
15
RSSI
Output
Received Signal Strength Indicator output. The voltage on this pin is an inversed amplified
version of the voltage on AGC. Output is from a buffer with typically 200
Ω output impedance.
16
RO2
Output
Pierce Oscillator Output for Crystal Output: Internal capacitance of 7pF to GND during
normal operation.
April 15, 2015
3
Revision 2.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com