Electronic Components Datasheet Search
  English  ▼

X  

MICRF230 Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # MICRF230
Description  400MHz to 450MHz ASK/OOK Receiver with RSSI and Squelch
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF230 Datasheet(HTML) 1 Page - Micrel Semiconductor

  MICRF230 Datasheet HTML 1Page - Micrel Semiconductor MICRF230 Datasheet HTML 2Page - Micrel Semiconductor MICRF230 Datasheet HTML 3Page - Micrel Semiconductor MICRF230 Datasheet HTML 4Page - Micrel Semiconductor MICRF230 Datasheet HTML 5Page - Micrel Semiconductor MICRF230 Datasheet HTML 6Page - Micrel Semiconductor MICRF230 Datasheet HTML 7Page - Micrel Semiconductor MICRF230 Datasheet HTML 8Page - Micrel Semiconductor MICRF230 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
MICRF230
400MHz to 450MHz ASK/OOK Receiver
with RSSI and Squelch
General Description
The
MICRF230
is
a
400MHz
to
450MHz
super-
heterodyne, image-reject, RF receiver with automatic gain
control, ASK/OOK demodulator, analog RSSI output, and
integrated squelch features. It only requires a crystal and a
minimum number of external components to implement.
The MICRF230 is ideal for low-cost, low-power, RKE,
TPMS, and remote actuation applications.
The MICRF230 achieves
−112dBm sensitivity at a bit rate
of 1kbps with 1% BER. Four demodulator filter bandwidths
are selectable using SEL0 and SEL1 from 1625Hz to
13kHz at 433.92MHz, allowing the device to support bit
rates up to 20kbps. The device operates from a supply
voltage of 3.5V to 5.5V and typically consumes 6.0mA at
433.92MHz. The MICRF230 has a shutdown mode that
reduces current to 0.5µA. The squelch feature decreases
the activity on the data output pin until valid bits are
detected while maintaining overall receiver sensitivity.
Datasheets and support documentation are available on
Micrel’s web site at: www.micrel.com.
Features
• −112dBm sensitivity at 1kbps with 1% BER
• Supports bit rates up to 20kbps at 433.92MHz
• 25dB image-reject mixer
• No IF filter required
• 60dB analog RSSI output range
• 3.5V to 5.5V supply voltage range
• 6.0mA supply current at 434MHz
• 0.5
μA supply current in shutdown mode
• 16-pin 4.9mm × 6.0mm QSOP package
• −40°C to +105°C temperature range
• 2kV HBM ESD rating
Applications
• Automotive remote keyless entry (RKE)
• Long range RFID
• Remote fan and light control
• Garage door and gate openers
• Remote metering
• Low data rate unidirectional wireless data links
Typical Application
MICRF230 Typical Application Circuit for 433.92MHz
Micrel Inc. • 2180 Fortune Drive • San Jose, CA 95131 • USA • tel +1 (408) 944-0800 • fax + 1 (408) 474-1000 • http://www.micrel.com
April 15, 2015
Revision 2.0


Similar Part No. - MICRF230

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MICRF211 MICREL-MICRF211 Datasheet
933Kb / 18P
3V, QwikRadio짰 433.92 MHz Receiver
MICRF211AYQS MICREL-MICRF211AYQS Datasheet
933Kb / 18P
3V, QwikRadio짰 433.92 MHz Receiver
MICRF213 MICREL-MICRF213 Datasheet
974Kb / 16P
3.3V, QwikRadio짰 315MHz Receiver
MICRF213 MICREL-MICRF213 Datasheet
975Kb / 16P
3.3V, QwikRadio 315MHz Receiver
MICRF213AYQS MICREL-MICRF213AYQS Datasheet
974Kb / 16P
3.3V, QwikRadio짰 315MHz Receiver
More results

Similar Description - MICRF230

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MICRF219 MICREL-MICRF219 Datasheet
964Kb / 24P
300MHz to 450MHz ASK Receiver with RSSI, Auto-Poll, Bit-Check and Squelch
logo
Maxim Integrated Produc...
MAX7036 MAXIM-MAX7036 Datasheet
169Kb / 12P
300MHz to 450MHz ASK Receiver with Internal IF Filter
Rev 0; 3/09
logo
Micrel Semiconductor
MICRF220 MICREL-MICRF220 Datasheet
639Kb / 18P
300MHz to 450MHz, 3.3V ASK/OOK Receiver with RSSI and Squelch
MICRF219 MICREL-MICRF219_11 Datasheet
892Kb / 23P
300MHz to 450MHz ASK Receiver with RSSI, Auto-Poll, Bit-Che
MICRF219A MICREL-MICRF219A Datasheet
722Kb / 23P
ASK/OOK Receiver
MICRF229 MICREL-MICRF229 Datasheet
831Kb / 23P
400MHz to 450MHz ASK/OOK Receiver with Auto-Poll and RSSI
MICRF220 MICREL-MICRF220_15 Datasheet
747Kb / 20P
300MHz to 450MHz, 3.3V ASK/OOK Receiver with RSSI and Squelch
MICRF219A MICREL-MICRF219A_15 Datasheet
834Kb / 25P
300MHz to 450MHz ASK/OOK Receiver with Auto-Poll, and RSSI
logo
Princeton Technology Co...
PT4304 PTC-PT4304 Datasheet
216Kb / 5P
Fully Integrated OOK/ASK Receiver
logo
Maxim Integrated Produc...
MAX7036EVKIT MAXIM-MAX7036EVKIT_V01 Datasheet
5Mb / 13P
300MHz to 450MHz ASK Receiver with Internal IF Filter
2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com