Electronic Components Datasheet Search
  English  ▼

X  

MICRF230 Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # MICRF230
Description  400MHz to 450MHz ASK/OOK Receiver with RSSI and Squelch
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF230 Datasheet(HTML) 4 Page - Micrel Semiconductor

  MICRF230 Datasheet HTML 1Page - Micrel Semiconductor MICRF230 Datasheet HTML 2Page - Micrel Semiconductor MICRF230 Datasheet HTML 3Page - Micrel Semiconductor MICRF230 Datasheet HTML 4Page - Micrel Semiconductor MICRF230 Datasheet HTML 5Page - Micrel Semiconductor MICRF230 Datasheet HTML 6Page - Micrel Semiconductor MICRF230 Datasheet HTML 7Page - Micrel Semiconductor MICRF230 Datasheet HTML 8Page - Micrel Semiconductor MICRF230 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
Micrel, Inc.
MICRF230
Absolute Maximum Ratings
(1)
Supply Voltage (VDD)...................................................+6.0V
Voltage on all pins except Antenna......
−0.3V to V
DD + 0.3V
Antenna Input ...............................................
−0.3V to +0.3V
Junction Temperature .............................................. +150
°C
Lead Temperature (soldering, 10s).......................... +300°C
Storage Temperature (TS)......................... −65°C to +150°C
Maximum Receiver Input Power .............................+10dBm
ESD Rating
(3)......................................................... 2kV HBM
Operating Ratings
(2)
Supply Voltage (VDD).................................... +3.5V to +5.5V
Antenna Input................................................ -0.3V to +0.3V
All Pins (except antenna input) .............
−0.3V to V
DD + 0.3V
Ambient Temperature (TA) ........................ –40°C to +105°C
Maximum Input RF Power........................................... 0dBm
Receive Modulation Duty Cycle ........................20% to 80%
Frequency Range................................. 400MHz to 450MHz
Electrical Characteristics
VDD = 5.0V, VEN = 5V, SQ = Open, CAGC = 4.7µF, CCTH = 0.1µF, unless otherwise noted. Bold values indicate –
40°C ≤ TA ≤ +105°C.
Symbol
Parameter
Condition
Min.
Typ.
Max.
Units
ICC
Operating Supply Current
Continuous Operation, fRF = 433.92MHz
4.5
6.0
8.0
mA
ISD
Shutdown Current
VEN = 0V
0.5
1
µA
Receiver
Conducted Receiver
Sensitivity @ 1kbps
(4)
433.92MHz, SEL0:SEL1 = 00, BER = 1%
−112.5
dBm
433.92MHz, SEL0:SEL1= 00, BER = 0.1%
−110.0
Image Rejection
fIMAGE = fRF – 2fIF
25
dB
fIF
IF Center Frequency
fRF = 433.92MHz
1.2
MHz
BWIF
-3dB IF Bandwidth
fRF = 433.92MHz
330
KHz
VAGC
AGC Voltage Range
−40dBm RF input level
1.15
V
−100dBm RF input level
1.55
Notes:
1.
Exceeding the absolute maximum rating may damage the device.
2.
The device is not guaranteed to function outside of its operating rating.
3.
Device is ESD sensitive. Use appropriate ESD precautions. Human body model, 1.5
kΩ in series with 100pF.
4. In an ON/OFF keyed (OOK) signal, the signal level goes between a “mark” level (when the RF signal is ON) and a “space” level (when the RF signal
is OFF). Sensitivity is defined as the input signal level when “ON” necessary to achieve a specified BER (bit error rate). BER measured with the
built-in BERT function in Agilent E4432B using PN9 sequence. Sensitivity measurement values are obtained using an input matching network to
433.92MHz.
April 15, 2015
4
Revision 2.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com