Electronic Components Datasheet Search
  English  ▼

X  

MICRF230 Datasheet(PDF) 7 Page - Micrel Semiconductor

Part # MICRF230
Description  400MHz to 450MHz ASK/OOK Receiver with RSSI and Squelch
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF230 Datasheet(HTML) 7 Page - Micrel Semiconductor

Back Button MICRF230 Datasheet HTML 3Page - Micrel Semiconductor MICRF230 Datasheet HTML 4Page - Micrel Semiconductor MICRF230 Datasheet HTML 5Page - Micrel Semiconductor MICRF230 Datasheet HTML 6Page - Micrel Semiconductor MICRF230 Datasheet HTML 7Page - Micrel Semiconductor MICRF230 Datasheet HTML 8Page - Micrel Semiconductor MICRF230 Datasheet HTML 9Page - Micrel Semiconductor MICRF230 Datasheet HTML 10Page - Micrel Semiconductor MICRF230 Datasheet HTML 11Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
Micrel, Inc.
MICRF230
Typical Characteristics
VDD = 5.0 V, TA =+25°C, BER measured with PN9 sequence, unless otherwise noted.
5.5
5.6
5.7
5.8
5.9
6
6.1
6.2
6.3
6.4
400
410
420
430
440
450
RECEIVER FREQUENCY (MHz)
Current Vs. Receiver Frequency
5
5.5
6
6.5
7
7.5
3.5
4
4.5
5
5.5
SUPPLY VOLTAGE (V)
Ground Current vs.
Supply Voltage (f
RF =433.92MHz)
+125°C
+25°C
-40°C
1
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
1.9
-125
-105
-85
-65
-45
-25
-5
RF INPUT POWER (dBm)
CAGC Volatge vs. Input Power
+125°C
-40°C
+25°C
0
0.5
1
1.5
2
2.5
-125
-105
-85
-65
-45
-25
INPUT POWER LEVEL (dBm)
433.92 MHz RSSI Voltage
vs. Input Power
+125°C
+25°C
-40°C
-114
-113
-112
-111
-110
-109
-108
-107
3.5
4
4.5
5
5.5
V
IN (V)
Sensitivity in 433.92MHz vs. V
IN at
different BW in (+25°C)
Sel0:Sel1[0:0], 1kbps
Sel0:Sel1[1:0], 5kbps
Sel0:Sel1[0:1], 2kbps
Sel0:Sel1[1:1],10kbps
-112
-111
-110
-109
-108
-107
-106
-105
3.5
4
4.5
5
5.5
V
IN (V)
Sensitivity in 433.92MHz vs.
VIN at different BW in (+105°C)
Sel0:Sel1[0:0],1KBPs
Sel0:Sel1[1:0],5KBPs
Sel0:Sel1[1:1],10KBPs
-116
-115
-114
-113
-112
-111
-110
-109
-108
3.5
4
4.5
5
5.5
V
IN (V)
Sensitivity in 433.92MHz vs. V
IN
at different BW IN (-40°C)
Sel0:Sel1[0:0],1KBPs
Sel0:Sel1[1:0],5KBPs
Sel0:Sel1[1:1],10KBPs
Sel0:Sel1[0:1],2KBPs
-23
-18
-13
-8
-3
433.54
433.74
433.94
434.14
INPUT FREQUENCY (MHz)
Bandpass Filter Attenuation
fxal=13.52127MHz
-115
-110
-105
-100
-95
-90
-85
-80
-75
-70
-65
430.92 431.92 432.92 433.92 434.92 435.92 436.92
INPUT RF FREQUENCY (MHz)
434MHz Selectivity at 1.625KHz
Bandwidth
April 15, 2015
7
Revision 2.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com