Electronic Components Datasheet Search
  English  ▼

X  

MICRF230 Datasheet(PDF) 12 Page - Micrel Semiconductor

Part # MICRF230
Description  400MHz to 450MHz ASK/OOK Receiver with RSSI and Squelch
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF230 Datasheet(HTML) 12 Page - Micrel Semiconductor

Back Button MICRF230 Datasheet HTML 8Page - Micrel Semiconductor MICRF230 Datasheet HTML 9Page - Micrel Semiconductor MICRF230 Datasheet HTML 10Page - Micrel Semiconductor MICRF230 Datasheet HTML 11Page - Micrel Semiconductor MICRF230 Datasheet HTML 12Page - Micrel Semiconductor MICRF230 Datasheet HTML 13Page - Micrel Semiconductor MICRF230 Datasheet HTML 14Page - Micrel Semiconductor MICRF230 Datasheet HTML 15Page - Micrel Semiconductor MICRF230 Datasheet HTML 16Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
Micrel, Inc.
MICRF230
MICRF230, ensure that the power level remains constant
throughout the transmit burst.
The value of AGC impacts the period between the TTGD,
which is defined as the time when signal is first applied,
to the pulse width at DO, within 10% of the steady state
value. The optimal value of AGC depends on the setting
of the D4 and D3 bits.
A smaller AGC value does not always result in a shorter
TTGD. This is due to the loop dynamics, the fast
discharge current being 600µA, and the charge current
being only 1.5µA. For example, if SEL0 = SEL1 = 0, the
low pass filter bandwidth is set to a minimum and the
AGC capacitance is too small. The TTGD will be longer
than if AGC capacitance is properly chosen.
This is
because when the RF signal first appears, the fast
discharge period will reduce VAGC very fast, lowering the
gain of the mixer and IF amplifier. Since the low pass
filter bandwidth is low, it takes too long for the AGC
comparator to see a reduced level of the audio signal,
and cannot stop the discharge current. This causes an
undershoot
in
AGC
voltage
and
a
corresponding
overshoot in RSSI voltage. Once the AGC undershoots, it
takes a long time for it to charge back up because the
current available is only 1.5µA.
Table 2 lists the recommended minimum AGC values for
different SEL0 and SEL1 settings to insure that the
voltage on AGC does not undershoot.
Table 2. Minimum Suggested AGC Values
SEL0
SEL1
AGC value
0
0
4.7
μF
0
1
2.2
μF
1
0
1
μF
1
1
1
μF
Figure 4 illustrates what occurs if AGC is too small for a
given bandwidth setting. In this instance, SEL0 = 1, SEL1
= 0, AGC = 0.47
μF, and the RF input level is stepped
from no signal to
−100dBm. RSSI voltage is shown in
place of AGC voltage because RSSI is a buffered version
of AGC with an inversion and amplification. Probing AGC
directly can affect the loop dynamics through resistive
loading from a scope probe, especially in the state where
only 1.5
μA is available, whereas probing RSSI does not.
When the RF signal is first applied, RSSI voltage
overshoots due to the fast discharge current on AGC,
and the loop is too slow to stop this fast discharge current
in time. Since the voltage on AGC is too low, the audio
signal level is lower than the slicing threshold (voltage on
CTH), and DO pin is low. Once the fast discharge current
stops, only the small 1.5µA charge current is available in
settling the AGC loop to the correct level, causing the
recovery from AGC undershoot/RSSI overshoot condition
to be slow. As a result, TTGD is about 9.1ms. It is
recommended that Tantalum caps or high voltage
ceramic caps are used for AGC to minimize capacitor
leakage current which may affect the performance of the
AGC.
Figure 4. RSSI Overshoot and Slow TTGD (9.1ms)
Figure 5 shows the behavior with a larger capacitor on
AGC pin (2.2
μF), SEL0:SEL1 = 10. In this case, V
AGC
does not undershoot (RSSI does not overshoot), and
TTGD is relatively short at 1ms.
Figure 5. Proper TTGD (1ms) with Sufficient AGC
Reference Oscillator
The reference oscillator in the MICRF230, shown in
Figure
6,
uses
a
basic
Pierce
crystal
oscillator
April 15, 2015
12
Revision 2.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com