Electronic Components Datasheet Search
  English  ▼

X  

CS89712-CB Datasheet(PDF) 55 Page - Cirrus Logic

Part # CS89712-CB
Description  HIGH-PERFORMANCE, LOW-POWER SYSTEM-ON-CHIP WITH 10BASE-T ETHERNET CONTROLLER
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS89712-CB Datasheet(HTML) 55 Page - Cirrus Logic

Back Button CS89712-CB Datasheet HTML 51Page - Cirrus Logic CS89712-CB Datasheet HTML 52Page - Cirrus Logic CS89712-CB Datasheet HTML 53Page - Cirrus Logic CS89712-CB Datasheet HTML 54Page - Cirrus Logic CS89712-CB Datasheet HTML 55Page - Cirrus Logic CS89712-CB Datasheet HTML 56Page - Cirrus Logic CS89712-CB Datasheet HTML 57Page - Cirrus Logic CS89712-CB Datasheet HTML 58Page - Cirrus Logic CS89712-CB Datasheet HTML 59Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 170 page
background image
CS89712
DS502PP2
55
the Collision Detection circuit informs the MAC by
asserting the internal Collision signal (see Section
2.26, “Media Access Control Engine” for collision
handling).
2.29 Basic Transmit Operation
Transmit operations occur in the following order
(using interrupts):
1) Software bids for storage of the frame by writ-
ing the Transmit Command to the TxCMD Port
and the transmit frame length to the TxLength
Port.
2) Software reads the BusST register to see if the
Rdy4TxNOW bit (Bit 8) is set. To read the
BusST register, the software must first set the
Ethernet Port Pointer at the correct location by
writing 0138h to the Ethernet Port Pointer Port
(offset address 000Ah). It can then read the
BusST register from the Ethernet Port Data
Port (offset address 000Ch). If Rdy4TxNOW is
set, the frame can be written. If clear, the soft-
ware must wait for Ethernet port buffer memo-
ry to become available. If Rdy4TxiE (bit 8 of
BufCFG) is set, an interrupt is generated when
Rdy4Tx (bit 8 of BufEvent) becomes set. If the
TxBidErr bit (BusST register bit 7) is set, the
transmit length is not valid.
3) Once the Ethernet port is ready to accept the
frame, software executes repetitive write in-
structions (REP OUT) to the Receive/Transmit
Data Port to transfer the entire frame from host
RAM to the Ethernet port’s memory.
For a more detailed description of transmit, see
Section 2.34, “Transmit Operation”.
2.30 Basic Receive Operation
Receive operations occur in the following order (in
this example, interrupts are enabled to signal the
presence of a valid receive frame):
1) A frame is received by the CS89712, triggering
an enabled interrupt.
2) The software reads the Interrupt Status Queue
Port and is informed of the receive frame.
3) The software reads the frame data by executing
repetitive read instructions from the Re-
ceive/Transmit Data Port to transfer the frame
from Ethernet port memory to host RAM. Pre-
ceding the frame data are the contents of the
RxStatus register and the RxLength register.
For a more detailed description of receive, see Sec-
tion 2.32, “Basic Receive Operation”.
2.31 Managing Interrupts & Status Queue
The Interrupt Status Queue (ISQ) is used by the
Ethernet port to communicate Event reports.
Whenever an event occurs that triggers an enabled
interrupt, the Ethernet port sets the appropriate
bit(s) in one of five registers, maps the contents of
that register to the ISQ, and drives the selected in-
terrupt request pin high (if an earlier interrupt is
waiting in the queue, the interrupt request pin will
already be high). When the software services the
interrupt, it must first read the ISQ to learn the na-
ture of the interrupt. It can then process the inter-
rupt (the first read to the ISQ causes the interrupt
request pin to go low.)
Three of the registers mapped to the ISQ are event
registers: RxEvent, TxEvent, and BufEvent. The
other two registers are counter-overflow reports:
RxMISS and TxCOL. There may be more than one
RxEvent report and/or more than one TxEvent re-
port in the ISQ at a time. However, there may be
only one BufEvent report, one RxMISS report and
one TxCOL report in the ISQ at a time.
Event reports stored in the ISQ are read out in the
order of priority, with RxEvent first, followed by
TxEvent, BufEvent, RxMiss, and then TxCOL.
The software only needs to read from one location
to get the interrupt currently at the front of the
queue. It is located at offset address 0008h. Each
time the software reads the ISQ, the bits in the cor-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com