Electronic Components Datasheet Search
  English  ▼

X  

CS89712-CB Datasheet(PDF) 93 Page - Cirrus Logic

Part # CS89712-CB
Description  HIGH-PERFORMANCE, LOW-POWER SYSTEM-ON-CHIP WITH 10BASE-T ETHERNET CONTROLLER
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS89712-CB Datasheet(HTML) 93 Page - Cirrus Logic

Back Button CS89712-CB Datasheet HTML 89Page - Cirrus Logic CS89712-CB Datasheet HTML 90Page - Cirrus Logic CS89712-CB Datasheet HTML 91Page - Cirrus Logic CS89712-CB Datasheet HTML 92Page - Cirrus Logic CS89712-CB Datasheet HTML 93Page - Cirrus Logic CS89712-CB Datasheet HTML 94Page - Cirrus Logic CS89712-CB Datasheet HTML 95Page - Cirrus Logic CS89712-CB Datasheet HTML 96Page - Cirrus Logic CS89712-CB Datasheet HTML 97Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 170 page
background image
CS89712
DS502PP2
93
3.7.2
MEMCFG2 Memory Configuration Register 2 (address 0x8000.01C0)
The Memory Configuration Register 2 is a 32-bit read / write register which sets the configuration of the two expan-
sion and ROM selects nCS[4:5]. Each select is configured with a 1-byte field starting with expansion select 4.
Each of the six non-reserved byte fields for chip select configuration in the memory configuration registers are iden-
tical and define the number of wait states, the bus width, enable EXPCLK output during accesses and enable se-
quential mode access. This byte field is defined below. This arrangement applies to nCS[0:3], and nCS[4:5] when
the PC CARD enable bits in the SYSCON2 register are not set. The state of these bits is ignored for the Boot ROM
and local SRAM fields in the MEMCFG2 register.
Table 45 defines the bus width field. Note that the effect of this field is dependent on the two BOOTBIT bits that can
be read in the SYSFLG1 register. All bits in the memory configuration register are cleared by a system reset, and
the state of the BOOTBIT bits are determined by Port E bits 0 and 1 on the CS89712 during power-on reset. The
state of PE[1] and PE[0] determine whether the CS89712 is going to boot from either 32-bit-wide, 16-bit-wide or 8-
bit-wide ROMs.
Table 46 shows the values for the wait states for random and sequential wait states at 18 MHz bus. At 36 MHz bus
rate, the encoding becomes more complex. Table 47 preserves compatibility with the previous devices, while allow-
ing the previously unused bit combinations to specify more variations of random and sequential wait states.
Note: See
AC Characteristics for more detail on bus timing.
The memory area decoded by CS[6] is reserved for the on-chip SRAM, hence this does not require a configuration
field in MEMCFG2. It is automatically set up for 32-bit-wide, no-wait-state accesses. For the Boot ROM, it is auto-
matically set up for 8-bit, no wait state accesses.
Chip selects nCS[4] and nCS[5] are used to select two CL-PS6700 PC CARD controller devices. These have a mul-
tiplexed 16-bit wide address / data interface, and the configuration bytes in the MEMCFG2 register have no meaning
when these interfaces are enabled.
31:24
23:16
15:8
7:0
(Boot ROM)
(Local SRAM)
nCS[5] configuration
nCS[4] configuration
76
5:2
1:0
CLKENB
SQAEN
Wait States Field
Bus width
Bus Width Field
BOOTBIT1
BOOTBIT0
Expansion Transfer Mode
Port E bits 1,0 during
NPOR reset
00
0
0
32-bit wide bus access
Low, Low
01
0
0
16-bit wide bus access
Low, Low
10
0
0
8-bit wide bus access
Low, Low
11
0
0
Reserved
Low, Low
00
0
1
8-bit wide bus access
Low, High
01
0
1
Reserved
Low, High
10
0
1
32-bit wide bus access
Low, High
11
0
1
16-bit wide bus access
Low, High
00
1
0
16-bit wide bus access
High, Low
01
1
0
32-bit wide bus access
High, Low
10
1
0
Reserved
High, Low
11
1
0
8-bit wide bus access
High, Low
Table 45. Values of the Bus Width Field



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com