Electronic Components Datasheet Search
  English  ▼

X  

CS89712-CB Datasheet(PDF) 81 Page - Cirrus Logic

Part # CS89712-CB
Description  HIGH-PERFORMANCE, LOW-POWER SYSTEM-ON-CHIP WITH 10BASE-T ETHERNET CONTROLLER
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS89712-CB Datasheet(HTML) 81 Page - Cirrus Logic

Back Button CS89712-CB Datasheet HTML 77Page - Cirrus Logic CS89712-CB Datasheet HTML 78Page - Cirrus Logic CS89712-CB Datasheet HTML 79Page - Cirrus Logic CS89712-CB Datasheet HTML 80Page - Cirrus Logic CS89712-CB Datasheet HTML 81Page - Cirrus Logic CS89712-CB Datasheet HTML 82Page - Cirrus Logic CS89712-CB Datasheet HTML 83Page - Cirrus Logic CS89712-CB Datasheet HTML 84Page - Cirrus Logic CS89712-CB Datasheet HTML 85Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 170 page
background image
CS89712
DS502PP2
81
11
DBGEN: Setting this bit will enable the debug mode. In this mode, all internal accesses are out-
put as if they were reads or writes to the expansion memory addressed by nCS5. nCS5 will still
be active in its standard address range. In addition, the internal interrupt request and fast inter-
rupt request signals to the ARM720T processor are output on Port E, bits 1 and 2. Note that
these bits must be programmed to be outputs before this functionality can be observed. The
clock to the CPU is output on Port E, Bit 0 to delineate individual accesses. For example, in
debug mode:
nCS5 = nCS5 or internal I/O strobe
PE0 = CLK
PE1 = nIRQ
PE2 = nFIQ
12
LCDEN: LCD enable bit. Setting this bit enables the LCD controller.
13
CDENTX: Codec interface enable TX bit. Setting this bit enables the codec interface for data
transmission to an external codec device.
14
CDENRX: Codec interface enable RX bit. Setting this bit enables the codec interface for data
reception from an external codec device.
Note: Both CDENRX and CDENTX need to be enabled / disabled in tandem, otherwise data may
be lost.
15
SIREN: HP SIR protocol encoding enable bit. This bit will have no effect if the UART is not
enabled.
16:17
ADCKSEL: Microwire / SPI peripheral clock speed select. This two-bit field selects the frequency
of the ADC sample clock, which is twice the frequency of the synchronous serial ADC interface
clock. The table below shows the available frequencies for operation when in PLL mode. These
bits are also used to select the shift clock frequency for the SSI2 interface when set into master
mode.
18
EXCKEN: External expansion clock enable. If this bit is set, the EXPCLK is enabled continuously
as a free running clock with the same frequency and phase as the CPU clock, assuming that the
main oscillator is running. This bit should not be left set all the time for power consumption rea-
sons. If the system enters the Standby State, the EXPCLK will become undefined. If this bit is
clear, EXPCLK will be active during memory cycles to expansion slots that have external wait
state generation enabled only.
19
WAKEDIS: Setting this bit disables waking up (exiting) from the Standby State, from either the
WAKEUP input pin or a keypress after one of the following signals became active: nPWRFL,
BATOK, nEXTPWR.
Note: Even though a keypress will not wake the device, a keypress interrupt will still be generated,
if the keyboard interrupt is not masked, and this can be used to wake the device.
Bit
Description
Table 37. SYSCON1 (Continued)
ADCKSEL
ADC Sample Frequency
(kHz) — SMPCLK
ADC Clock Frequency
(kHz) — ADCCLK
00
8
4
01
32
16
10
128
64
11
256
128



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com