Electronic Components Datasheet Search
  English  ▼

X  

CS89712-CB Datasheet(PDF) 72 Page - Cirrus Logic

Part # CS89712-CB
Description  HIGH-PERFORMANCE, LOW-POWER SYSTEM-ON-CHIP WITH 10BASE-T ETHERNET CONTROLLER
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS89712-CB Datasheet(HTML) 72 Page - Cirrus Logic

Back Button CS89712-CB Datasheet HTML 68Page - Cirrus Logic CS89712-CB Datasheet HTML 69Page - Cirrus Logic CS89712-CB Datasheet HTML 70Page - Cirrus Logic CS89712-CB Datasheet HTML 71Page - Cirrus Logic CS89712-CB Datasheet HTML 72Page - Cirrus Logic CS89712-CB Datasheet HTML 73Page - Cirrus Logic CS89712-CB Datasheet HTML 74Page - Cirrus Logic CS89712-CB Datasheet HTML 75Page - Cirrus Logic CS89712-CB Datasheet HTML 76Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 170 page
background image
CS89712
72
DS502PP2
3.2.1
Ethernet Port Register Window
This section refers to the eight 2-byte registers re-
siding in the 16-byte window at 0x2000.3000.
These registers are always immediately available.
3.2.1.1
Receive/Transmit Data Ports 0 & 1
These two ports are used when transferring trans-
mitting/receving data to/from the CS89712. Port 0
is used for 16-bit operations and Ports 0 and 1 are
for 32-bit operations (lower-order word in Port 0).
3.2.1.2
TxCMD Port
Software writes the Transmit Command (TxCMD)
to this port at the start of each transmit operation.
The Transmit Command indicates that the software
has a frame to be transmitted, as well as how that
frame should be transmitted. See Section 3.2.3,
“Ethernet Status/Control Registers” for more in-
formation.
3.2.1.3
TxLength Port
The length of the frame to be transmitted is written
here immediately after the Transmit Command is
written.
3.2.1.4
Interrupt Status Queue Port
This port contains the current value of the Interrupt
Status Queue (ISQ). For a more detailed descrip-
tion of the ISQ, see Section 2.31, “Managing Inter-
rupts & Status Queue”.
3.2.1.5
Ethernet Port Pointer
The Ethernet Port Pointer is written in order to ac-
cess any of the Ethernet port indexed registers
(which reside in the 4 Kbyte memory page). The
first 12 bits (bits 0 through B) of the pointer provide
the offset of the target register to be accessed dur-
ing the current operation. The next three bits (C, D,
and E) are read-only and will always read as 011b.
Any convenient value may be written to these bits
when writing to the Ethernet Port Pointer Port. The
last bit (Bit F) indicates whether or not the Ethernet
Port Pointer should be auto-incremented to the next
word location. Figure 22 shows the structure of the
Ethernet Port Pointer.
3.2.1.6
Ethernet Port Data Ports 0 and 1
The Ethernet Port Data Ports are used to transfer
data to and from any of the CS89712’s internal reg-
isters. Port 0 is used for 16-bit operations and Port
0 and 1 are used for 32-bit operations (lower-order
word in Port 0).
10
32
54
76
98
BA
DC
FE
base + 000Bh
base + 000Ah
BitF: 0 =Pointer remains fixed
1 = Auto-Increments to next word location
Register Address
Figure 22. Ethernet Port Pointer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com