Electronic Components Datasheet Search
  English  ▼

X  

CS89712-CB Datasheet(PDF) 100 Page - Cirrus Logic

Part # CS89712-CB
Description  HIGH-PERFORMANCE, LOW-POWER SYSTEM-ON-CHIP WITH 10BASE-T ETHERNET CONTROLLER
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS89712-CB Datasheet(HTML) 100 Page - Cirrus Logic

Back Button CS89712-CB Datasheet HTML 96Page - Cirrus Logic CS89712-CB Datasheet HTML 97Page - Cirrus Logic CS89712-CB Datasheet HTML 98Page - Cirrus Logic CS89712-CB Datasheet HTML 99Page - Cirrus Logic CS89712-CB Datasheet HTML 100Page - Cirrus Logic CS89712-CB Datasheet HTML 101Page - Cirrus Logic CS89712-CB Datasheet HTML 102Page - Cirrus Logic CS89712-CB Datasheet HTML 103Page - Cirrus Logic CS89712-CB Datasheet HTML 104Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 170 page
background image
CS89712
100
DS502PP2
3.11 LCD Registers
3.11.1
LCDCON — The LCD Control Register (address 0x8000.02C0)
The LCD control register is a 32-bit read / write register that controls the size of the LCD screen and the operating
mode of the LCD controller. Refer to the system description of the LCD controller for more information on video buff-
er mapping, and for details of how to program the LCD control register for use in Snooze State.
The LCDCON register should only be reprogrammed when the LCD controller is disabled.
17:18
WRDLEN: This two bit field selects the word length according to the table below.
Bit
Description
Table 54. UBRLCR1-2 UART1-2 (Continued)
WRDLEN
Word Length
00
5 bits
01
6 bits
10
7 bits
11
8 bits
31
30
29:25
24:19
18:13
12:0
GSMD2
GSMD1
AC prescale
Pixel prescale
Line length
Video buffer size
Bit
Description
0:12
Video buffer size: The video buffer size field is a 13-bit field that sets the total number of bits x
128 (quad words) in the video display buffer. This is calculated from the formula:
Video buffer size = (Total bits in video buffer / 128) – 1
i.e., for a 640 x 240 LCD and 4 bits-per-pixel, the size of the video buffer is equal to
614400 bits.
Video buffer = 640 x 240 x 4=614400 bits
Video buffer size field = (614400 / 128) – 1 = 4799 or 0x12BF hex.
If Snooze State is to be used with the LCD controller enabled, then the value programmed into
this register should not be less than 3. The minimum value allowed is 3 for this bit field.
13:18
Line length: The line length field is a 6-bit field that sets the number of pixels in one complete
line. This field is calculated from the formula:
line length = (Number of pixels in line / 16) – 1
i.e., for 640 x 240 LCD Line length = (640 / 16) – 1 = 39 or 0x27 hex.
The minimum value that can be programmed into this register is a 1 (i.e., 0 is not a legal value).
Table 55. LCDCON



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com