Electronic Components Datasheet Search
  English  ▼

X  

CS89712-CB Datasheet(PDF) 102 Page - Cirrus Logic

Part # CS89712-CB
Description  HIGH-PERFORMANCE, LOW-POWER SYSTEM-ON-CHIP WITH 10BASE-T ETHERNET CONTROLLER
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS89712-CB Datasheet(HTML) 102 Page - Cirrus Logic

Back Button CS89712-CB Datasheet HTML 98Page - Cirrus Logic CS89712-CB Datasheet HTML 99Page - Cirrus Logic CS89712-CB Datasheet HTML 100Page - Cirrus Logic CS89712-CB Datasheet HTML 101Page - Cirrus Logic CS89712-CB Datasheet HTML 102Page - Cirrus Logic CS89712-CB Datasheet HTML 103Page - Cirrus Logic CS89712-CB Datasheet HTML 104Page - Cirrus Logic CS89712-CB Datasheet HTML 105Page - Cirrus Logic CS89712-CB Datasheet HTML 106Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 170 page
background image
CS89712
102
DS502PP2
3.11.2
PALLSW Least Significant Word — LCD Palette Register (address 0x8000.0580)
The least and most significant word LCD palette registers make up a 64-bit read / write register which maps the log-
ical pixel value to a physical grayscale level. The 64-bit register is made up of 16 x 4-bit nibbles, each nibble defines
the grayscale level associated with the appropriate pixel value. If the LCD controller is operating in two bits-per-pixel,
only the lower 4 nibbles are valid (D[15:0] in the least significant word). Similarly, one bit-per-pixel means only the
lower 2 nibbles are valid (D[7:0]) in the least significant word.
3.11.3
PALMSW Most Significant Word — LCD Palette Register (address 0x8000.0540)
The pixel to grayscale level assignments and the actual physical color and pixel duty ratio for the grayscale values
are shown in Table 56. Note that colors 8
–15 are the inverse of colors 7–0 respectively. This means that colors 7
and 8 are identical. Therefore, in reality only 15 grayscales available, not 16. The steps in the grayscale are non-
linear, but have been chosen to give a close approximation to perceived linear grayscales. The is due to the eye
being more sensitive to changes in gray level close to 50% gray (See
PALLSW description).
31:28
27:24
23:20
19:16
15:12
11:8
7:4
3:0
Grayscale
value for pixel
value 7
Grayscale
value for pixel
value 6
Grayscale
value for pixel
value 5
Grayscale
value for pixel
value 4
Grayscale
value for pixel
value 3
Grayscale
value for pixel
value 2
Grayscale
value for pixel
value 1
Grayscale
value for pixel
value 0
31:28
27:24
23:20
19:16
15:12
11:8
7:4
3:0
Grayscale
value for pixel
value 15
Grayscale
value for pixel
value 14
Grayscale
value for pixel
value 13
Grayscale
value for pixel
value 12
Grayscale
value for pixel
value 11
Grayscale
value for pixel
value 10
Grayscale
value for pixel
value 9
Grayscale
value for pixel
value 8
Grayscale Value
Duty Cycle
% Pixels Lit
% Step Change
00
0%
11.1%
1
1/9
11.1%
8.9%
2
1/5
20.0%
6.7%
3
4/15
26.7%
6.6%
4
3/9
33.3%
6.7%
5
2/5
40.0%
5.4%
6
4/9
44.4%
5.6%
7
1/2
50.0%
0.0%
8
1/2
50.0%
5.6%
9
5/9
55.6%
5.4%
10
3/5
60.0%
6.7%
11
6/9
66.7%
6.6%
12
11/15
73.3%
6.7%
13
4/5
80.0%
8.9%
14
8/9
88.9%
11.1%
15
1
100%
Table 56. Grayscale Value to Color Mapping



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com