Electronic Components Datasheet Search
  English  ▼

X  

CS89712-CB Datasheet(PDF) 56 Page - Cirrus Logic

Part # CS89712-CB
Description  HIGH-PERFORMANCE, LOW-POWER SYSTEM-ON-CHIP WITH 10BASE-T ETHERNET CONTROLLER
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS89712-CB Datasheet(HTML) 56 Page - Cirrus Logic

Back Button CS89712-CB Datasheet HTML 52Page - Cirrus Logic CS89712-CB Datasheet HTML 53Page - Cirrus Logic CS89712-CB Datasheet HTML 54Page - Cirrus Logic CS89712-CB Datasheet HTML 55Page - Cirrus Logic CS89712-CB Datasheet HTML 56Page - Cirrus Logic CS89712-CB Datasheet HTML 57Page - Cirrus Logic CS89712-CB Datasheet HTML 58Page - Cirrus Logic CS89712-CB Datasheet HTML 59Page - Cirrus Logic CS89712-CB Datasheet HTML 60Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 170 page
background image
CS89712
56
DS502PP2
responding register are cleared and the next report
in the queue moves to the front.
When the software starts reading the ISQ, it must
read and process all Event reports in the queue. A
read-out of a null word (0000h) indicates that all in-
terrupts have been read.
The ISQ is read as a 16-bit word. The lower six bits
(0 through 5) contain the register number (4, 8, C,
10, or 12). The upper ten bits (6 through F) contain
the register contents. The software must always
read the entire 16-bit word.
The active interrupt pin (INTRQx) is selected via
the Interrupt Number register (Ethernet Port offset
address 22h). As an additional option, all of the in-
terrupt pins can be 3-Stated using the same regis-
ters; see Section 3.17 for more details.
An event triggers an interrupt only when the En-
ableIRQ bit (17) of the Bus Control register is set.
After the CS89712 has generated an interrupt, the
first read of the ISQ makes the INTRQ output pin
go low (inactive). INTRQ remains low until the
null word (0000h) is read from the ISQ, or for
1.6
µs, whichever is longer.
2.32 Basic Receive Operation
2.32.1
Overview
Once an incoming packet has passed through the
analog front end and Manchester decoder, it goes
through the following three-step receive process:
1) Pre-Processing
2) Temporary Buffering
3) Transfer to system RAM
As shown in the figure, all receive frames go
through the same pre-processing and temporary
buffering phases, regardless of transfer method
Once a frame has been pre-processed and buffered,
it can be accessed by the software.
2.32.2
Receive Configuration
After each reset, the CS89712 Ethernet port must
be configured for receive operation. This can be
done automatically using an attached EEPROM or
by
writing
configuration
commands
to
the
CS89712’s internal registers (see Section 2.6,
“Ethernet EEPROM Configurations”). The items
that must be configured include:
•
which types of frames to accept;
•
which receive events cause interrupts; and,
2.32.2.1
Configuring the Physical Interface
Configuring the physical interface consists of en-
abling the receive logic for serial reception. This is
done via the LineCTL register. Bit 6 enables recep-
tion and bit E is used to reduce squelch.
2.32.2.2
Choosing Acceptable Frame Types
The RxCTL register selects which frame types will
be accepted by the Ethernet port. Bits 6 through E
of RxCTL are used for this. Refer to Section 2.32.7,
“Receive Ethernet Port Locations” for a detailed
description of Destination Address filtering, and
Section 3.18.4 on page 119 for RxCTL details.
2.32.2.3
Selecting Interrupt Events
The RxCFG and BufCFG registers are used to de-
termine which receive events will cause interrupts
to the processor. Bits 8, C, D and E of BufCFG are
used for this, and A, B, D and F of BufCFG. See
Section 3.18.2 and Section 3.18.8 for details. Note
that the DA filter must be passsed before there is an
interrupt.
2.32.3
Receive Frame Pre-Processing
The CS89712 pre-processes all receive frames us-
ing a four step process:
1) Destination Address filtering;
2) Early Interrupt Generation;
3) Acceptance filtering; and,



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com