Electronic Components Datasheet Search
  English  ▼

X  

CS89712-CB Datasheet(PDF) 95 Page - Cirrus Logic

Part # CS89712-CB
Description  HIGH-PERFORMANCE, LOW-POWER SYSTEM-ON-CHIP WITH 10BASE-T ETHERNET CONTROLLER
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS89712-CB Datasheet(HTML) 95 Page - Cirrus Logic

Back Button CS89712-CB Datasheet HTML 91Page - Cirrus Logic CS89712-CB Datasheet HTML 92Page - Cirrus Logic CS89712-CB Datasheet HTML 93Page - Cirrus Logic CS89712-CB Datasheet HTML 94Page - Cirrus Logic CS89712-CB Datasheet HTML 95Page - Cirrus Logic CS89712-CB Datasheet HTML 96Page - Cirrus Logic CS89712-CB Datasheet HTML 97Page - Cirrus Logic CS89712-CB Datasheet HTML 98Page - Cirrus Logic CS89712-CB Datasheet HTML 99Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 170 page
background image
CS89712
DS502PP2
95
3.8 Timer / Counter Registers
3.8.1
TC1D Timer Counter 1 Data Register (address 0x8000.0300)
The timer counter 1 data register is a 16-bit read / write register which sets and reads data to TC1. Any value
written will be decremented on the next rising edge of the clock.
3.8.2
TC2D Timer Counter 2 Data Register (address 0x8000.0340)
The timer counter 2 data register is a 16-bit read / write register which sets and reads data to TC2. Any value
written will be decremented on the next rising edge of the clock.
3.8.3
RTCDR Real-Time Clock Data Register (address 0x8000.0380)
The Real-Time Clock data register is a 32-bit read / write register, which sets and reads the binary time in
the RTC. Any value written will be incremented on the next rising edge of the 1 Hz clock. This register is
reset only by nPOR.
3.8.4
RTCMR Real-Time Clock Match Register (address 0x8000.03C0)
The Real-Time Clock match register is a 32-bit read / write register, which sets and reads the binary match
time to RTC. Any value written will be compared to the current binary time in the RTC, if they match it will
assert the RTCMI interrupt source. This register is reset only by nPOR.
3.9 Miscellaneous Registers
3.9.1
LEDFLSH Register (address 0x8000.22C0)
The output is enabled whenever LEDFLSH[6] = 1. When enabled, PDDDR[0] needs to be configured as an output
pin and the bit cleared to ‘0’ (See Section 3.4.6,
“PDDDR Port D Data Direction Register (address 0x8000.0043)”).
When the LED Flasher is disabled, the pin defaults to being used as Port D bit 0. Thus, this will ensure that the LED
will be off when disabled.
The flash rate is determined by the LEDFLSH[1:0] bits, in the following way:
6
5:2
1:0
Enable
Duty ratio
Flash rate
LEDFLSH[1:0]
Flash Period (sec)
00
1
01
2
10
3
11
4
Table 49. LED Flash Rates
LEDFLSH[5:2]
Duty Ratio
(time on: time off)
LEDFLSH[5:2]
Duty Ratio
(time on: time off)
0000
01:15
1000
09:07
0001
02:14
1001
10:06
0010
03:13
1010
11:05
Table 50. LED Duty Ratio



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com