Electronic Components Datasheet Search
  English  ▼

X  

CS89712-CB Datasheet(PDF) 31 Page - Cirrus Logic

Part # CS89712-CB
Description  HIGH-PERFORMANCE, LOW-POWER SYSTEM-ON-CHIP WITH 10BASE-T ETHERNET CONTROLLER
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS89712-CB Datasheet(HTML) 31 Page - Cirrus Logic

Back Button CS89712-CB Datasheet HTML 27Page - Cirrus Logic CS89712-CB Datasheet HTML 28Page - Cirrus Logic CS89712-CB Datasheet HTML 29Page - Cirrus Logic CS89712-CB Datasheet HTML 30Page - Cirrus Logic CS89712-CB Datasheet HTML 31Page - Cirrus Logic CS89712-CB Datasheet HTML 32Page - Cirrus Logic CS89712-CB Datasheet HTML 33Page - Cirrus Logic CS89712-CB Datasheet HTML 34Page - Cirrus Logic CS89712-CB Datasheet HTML 35Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 170 page
background image
CS89712
DS502PP2
31
is LEDDRV, and the input from the photodiode is
PHDIN. Modem status lines will cause an interrupt
(which can be masked) irrespective of whether the
SIR interface is being used.
Both the UARTs operate in a similar manner to the
industry standard 16C550A. When CTS is deas-
serted on the UART, the UART does not stop shift-
ing the data. It relies on software to make an
appropriate response to the interrupt generated.
Baud rates supported for both the UARTs are de-
pendent on frequency of operation. When operat-
ing from the internal PLL, the interface supports
various baud rates from 115.2 kbits/s downwards.
The master clock frequency is chosen so that most
of the required data rates are obtainable exactly.
2.17 Synchronous Serial Interfaces
The CS89712 has the synchronous serial interfaces
shown in Table 21. Three sets of serial interface
(DAI, CODEC, and SSI2) pins are multiplexed to-
gether. On power up, both the DAISEL and SER-
SEL register bits are low, enabling the master /
slave SSI2 to these pins (and configuring it for
slave mode operation to avoid external contention).
Table 22 contains pin definition information for the
three multiplexed interfaces.
The internal names given to each of the three inter-
faces are unique to help differentiate them from
each other. The sections below that describe each
of the three interfaces will use their respective
unique internal pin names for clarity.
Type
Comments
Referred To As
Max. Transfer Speed
SPI / Microwire 1
Master mode only
ADC Interface
128 kbits/s
SPI / Microwire 2
Master / slave mode
SSI2 Interface
512 kbits/s
DAI Interface
CD quality DACs and ADCs
DAI Interface
1.536 Mbits/s
CODEC Interface
CODEC
Interface
64 kbits/s
Table 21. Serial Interface Options
BGA
Ball
External
Pin Name
SSI2
Slave Mode
(Internal Name)
SSI2
Master Mode
CODEC
Internal Name
DAI
Internal Name
Strength
SSICLK
SSICLK = serial bit
clock; Input
Output
PCMCLK =
Output
SCLK =
Output
1
SSITXFR
SSITXFR = TX
frame sync; Input
Output
PCMSYNC = Output
LRCK = Output
1
SSITXDA
SSITXDA = TX
data; Output
Output
PCMOUT = Output
SDOUT = Output
1
SSIRXDA
SSIRXDA = RX
data; Input
Input
PCMIN = Input
SDIN = Input
SSIRXFR
SSIRXFR = RX
frame sync; Input
Output
p/u
(use a 10k pull-up)
MCLK
1
Table 22. Serial-Pin Assignments



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com