Electronic Components Datasheet Search
  English  ▼

X  

CS89712-CB Datasheet(PDF) 70 Page - Cirrus Logic

Part # CS89712-CB
Description  HIGH-PERFORMANCE, LOW-POWER SYSTEM-ON-CHIP WITH 10BASE-T ETHERNET CONTROLLER
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS89712-CB Datasheet(HTML) 70 Page - Cirrus Logic

Back Button CS89712-CB Datasheet HTML 66Page - Cirrus Logic CS89712-CB Datasheet HTML 67Page - Cirrus Logic CS89712-CB Datasheet HTML 68Page - Cirrus Logic CS89712-CB Datasheet HTML 69Page - Cirrus Logic CS89712-CB Datasheet HTML 70Page - Cirrus Logic CS89712-CB Datasheet HTML 71Page - Cirrus Logic CS89712-CB Datasheet HTML 72Page - Cirrus Logic CS89712-CB Datasheet HTML 73Page - Cirrus Logic CS89712-CB Datasheet HTML 74Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 170 page
background image
CS89712
70
DS502PP2
0x8000.0780
UMSEOI
—
WR
—
Write to clear UART modem status changed inter-
rupt.
0x8000.07C0
COEOI
—
WR
—
Write to clear CODEC sound interrupt.
0x8000.0800
HALT
—
WR
—
Write to enter the Idle State.
0x8000.0840
STDBY
—
WR
—
Write to enter the Standby State.
0x8000.0880–
0x8000.0FFF
Reserved
Write will have no effect, read is undefined.
0x8000.1000
FBADDR
0xC
RW
4
LCD frame buffer start address.
0x8000.1100
SYSCON2
0
RW
16
System control register 2.
0x8000.1140
SYSFLG2
0
RD
24
System status register 2.
0x8000.1240
INTSR2
0
RD
16
Interrupt status register 2.
0x8000.1280
INTMR2
0
RW
16
Interrupt mask register 2.
0x8000.12C0–
0x8000.147F
Reserved
Write will have no effect, read is undefined. .
0x8000.1480
UARTDR2
0
RW
16
UART2 Data register.
0x8000.14C0
UBLCR2
0
RW
32
UART2 bit rate and line control register.
0x8000.1500
SS2DR
0
RW
16
Master / slave SSI2 data register.
0x8000.1600
SRXEOF
—
WR
—
Write to clear RX FIFO overflow flag.
0x8000.16C0
SS2POP
—
WR
—
Write to pop SSI2 residual byte into RX FIFO.
0x8000.1700
KBDEOI
—
WR
—
Write to clear keyboard interrupt.
0x8000.1800
Reserved
—
WR
—
Do not write to this location. A write will cause the
processor to go into an unsupported power state.
0x8000.1840–
0x8000.1FFF
Reserved
—
Write will have no effect, read is undefined.
0x8000.2000
DAIR
0
RW
32
DAI control register.
0x8000.2040
DAIR0
0
RW
32
DAI data register 0.
0x8000.2080
DAIDR1
0
RW
32
DAI data register 1.
0x8000.20C0
DAIDR2
0
WR
21
DAI data register 2.
0x8000.2100
DAISR
0
RW
32
DAI status register.
0x8000.2200
SYSCON3
0
RW
16
System control register 3.
0x8000.2240
INTSR3
0
RD
32
Interrupt status register 3.
0x8000.2280
INTMR3
0
RW
8
Interrupt mask register 3.
0x8000.22C0
LEDFLSH
0
RW
7
LED Flash register.
Address
Name
Default
RD/WR
Size
Comments
Table 31. CS89712 Internal Registers (Little Endian Mode) (Continued)
Big Endian Mode
Name
Default
RD/WR
Size
Comments
0x8000.0003
PADR
0
RW
8
Port A Data register
Table 32. CS89712 Internal Registers (Big Endian Mode)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com