Electronic Components Datasheet Search
  English  ▼

X  

CS89712-CB Datasheet(PDF) 58 Page - Cirrus Logic

Part # CS89712-CB
Description  HIGH-PERFORMANCE, LOW-POWER SYSTEM-ON-CHIP WITH 10BASE-T ETHERNET CONTROLLER
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS89712-CB Datasheet(HTML) 58 Page - Cirrus Logic

Back Button CS89712-CB Datasheet HTML 54Page - Cirrus Logic CS89712-CB Datasheet HTML 55Page - Cirrus Logic CS89712-CB Datasheet HTML 56Page - Cirrus Logic CS89712-CB Datasheet HTML 57Page - Cirrus Logic CS89712-CB Datasheet HTML 58Page - Cirrus Logic CS89712-CB Datasheet HTML 59Page - Cirrus Logic CS89712-CB Datasheet HTML 60Page - Cirrus Logic CS89712-CB Datasheet HTML 61Page - Cirrus Logic CS89712-CB Datasheet HTML 62Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 170 page
background image
CS89712
58
DS502PP2
4) Normal Interrupt Generation.
Figure 20 diagrams frame pre-processing.
2.32.3.1
Destination Address Filtering
All incoming frames are passed through the Desti-
nation Address filter (DA filter). If the frame’s DA
passes the DA filter, the frame is passed on for fur-
ther pre-processing. If it fails the DA filter, the
frame is discarded. See Section 2.32.7, “Receive
Ethernet Port Locations” for a more detailed de-
scription of DA filtering.
2.32.3.2
Early Interrupt Generation
The Ethernet port supports the following two early
interrupts for frame reception.
•
RxDest
The RxDest bit (bit F of BufEvent register) is
set as soon as the Destination Address (DA) of
the incoming frame passes the DA filter. If the
RxDestiE bit (BufCFG register bit F) is set, the
CS89712 generates a corresponding interrupt.
Once RxDest is set, the software is allowed to
read the incoming frame's DA (the first 6 bytes
of the frame).
•
Rx128
The Rx128 bit (BufEvent register bit B) is set
as soon as the first 128 bytes of the incoming
frame have been received. If the Rx128iE bit
(BufCFG register bit B) is set, the CS89712
generates a corresponding interrupt. Once the
Rx128 bit is set, the RxDest bit is cleared and
the software is allowed to read the first 128
bytes of the incoming frame. The Rx128 bit is
cleared by the software reading the BufEvent
register (either directly or through the Interrupt
Status Queue) or by the CS89712 detecting the
incoming frame’s End-of-Frame (EOF) se-
quence.
Like all Event bits, RxDest and Rx128 are set by
the whenever the appropriate event occurs. Unlike
other Event bits, RxDest and Rx128 may be cleared
Pass
DA Filter?
Discard Frame
Destination
Address Filter
Check:
- PromiscuousA?
- IAHashA?
- MulticastA?
- IndividualA?
- BroadcastA?
Receive Frame
Yes
No
Yes
No
Generate Interrupts
Check:
- RxOKiE?
- ExtradataiE?
- CRCerroriE?
- RuntiE?
Pre-Processing
Complete
Generate Early
Interrupts if Enabled
(see next figure)
Acceptance Filter
Check:
- RxOKA?
- ExtradataA?
- RuntA?
- CRCerrorA?
Status of receive
frame reported in
RxEvent register,
frame discarded.
Status of receive
frame reported in
RxEvent register,
frame accepted
into on-chip RAM
Pass
Accept.
Filter?
Figure 20. Receive Frame Pre-Processing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com