Electronic Components Datasheet Search
  English  ▼

X  

CS89712-CB Datasheet(PDF) 106 Page - Cirrus Logic

Part # CS89712-CB
Description  HIGH-PERFORMANCE, LOW-POWER SYSTEM-ON-CHIP WITH 10BASE-T ETHERNET CONTROLLER
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS89712-CB Datasheet(HTML) 106 Page - Cirrus Logic

Back Button CS89712-CB Datasheet HTML 102Page - Cirrus Logic CS89712-CB Datasheet HTML 103Page - Cirrus Logic CS89712-CB Datasheet HTML 104Page - Cirrus Logic CS89712-CB Datasheet HTML 105Page - Cirrus Logic CS89712-CB Datasheet HTML 106Page - Cirrus Logic CS89712-CB Datasheet HTML 107Page - Cirrus Logic CS89712-CB Datasheet HTML 108Page - Cirrus Logic CS89712-CB Datasheet HTML 109Page - Cirrus Logic CS89712-CB Datasheet HTML 110Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 106 / 170 page
background image
CS89712
106
DS502PP2
3.15 SS2 Registers
3.15.1
SS2DR Synchronous Serial Interface 2 Data (address 0x8000.1500)
This is the 16-bit-wide data register for the full-duplex master / slave SSI2 synchronous serial interface. Writ-
ing data to this register will initiate a transfer. Writes need to be word writes and the bottom 16 bits are trans-
ferred to the TX FIFO. Reads will be 32 bits as well with the lower 16 bits containing RX data, and the upper
16-bits should be ignored. Although the interface is byte-oriented, data is written in two bytes at a time to
allow higher bandwidth transfer. It is up to the software to assemble the bytes for the data stream in an ap-
propriate manner.
All reads / writes to this register must be word reads / writes.
3.15.2
SS2POP Synchronous Serial Interface 2 Pop Residual Byte (address 0x8000.16C0)
This is a write-only location which will cause the contents of the RX shift register to be popped into the RX
FIFO, thus enabling a residual byte to be read. The data value written to this register is ignored. This location
should be used in conjunction with the RESVAL and RESFRM bits in the SYSFLG2 register.
3.16 DAI Registers
There are five registers within the DAI Interface; one control, three data, and one status register. The control
register is used to mask or unmask interrupt requests to service the DAI’s FIFOs, and to select whether an
on-chip or off-chip clock is used to drive the bit rate, and to enable / disable operation. The first pair of data
register addresses the top of the Right Channel Transmit FIFO and the bottom of the Right Channel Receive
FIFO. A read accesses the receive FIFOs, and a write the transmit FIFOs. Note that these are four physi-
cally separate FIFOs to allow full-duplex transmission. The status register contains bits which signal FIFO
overrun and underrun errors and transmit and receive FIFO service requests. Each of these status condi-
tions signal an interrupt request to the interrupt controller. The status register also flags when the transmit
FIFOs are not full when the receive FIFOs are not empty.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com