Electronic Components Datasheet Search
  English  ▼

X  

CS89712-CB Datasheet(PDF) 110 Page - Cirrus Logic

Part # CS89712-CB
Description  HIGH-PERFORMANCE, LOW-POWER SYSTEM-ON-CHIP WITH 10BASE-T ETHERNET CONTROLLER
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS89712-CB Datasheet(HTML) 110 Page - Cirrus Logic

Back Button CS89712-CB Datasheet HTML 106Page - Cirrus Logic CS89712-CB Datasheet HTML 107Page - Cirrus Logic CS89712-CB Datasheet HTML 108Page - Cirrus Logic CS89712-CB Datasheet HTML 109Page - Cirrus Logic CS89712-CB Datasheet HTML 110Page - Cirrus Logic CS89712-CB Datasheet HTML 111Page - Cirrus Logic CS89712-CB Datasheet HTML 112Page - Cirrus Logic CS89712-CB Datasheet HTML 113Page - Cirrus Logic CS89712-CB Datasheet HTML 114Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 170 page
background image
CS89712
110
DS502PP2
3.16.4
DAIDR1 DAI Data Register 1 (address 0x8000.2080)
When DAI Data Register 1 (DAIDR1) is read, the bottom entry of the Left Channel Receive FIFO is accessed. As
data is removed by the DAI’s receive logic from the incoming data frame, it is placed into the top entry of the Left
Channel Receive FIFO and is transferred down an entry at a time until it reaches the last empty location within the
FIFO. Data is removed by reading DAIDR1, which accesses the bottom entry of the left channel FIFO. After DAIDR1
is read, the bottom entry is invalidated, and all remaining values within the FIFO automatically transfer down one
location.
When DAIDR1 is written, the top-most entry of the Left Channel Transmit FIFO is accessed. After a write, data is
automatically transferred down to the lowest location within the transmit FIFO which does not already contain valid
data. Data is removed from the bottom of the FIFO one value at a time by the transmit logic. It is then loaded into
the correct position within the 64-bit transmit serial shifter then serially shifted out onto the SDOUT pin.
Table 60 shows DAIDR1. Note that the Transmit and Receive Left Channel FIFOs are cleared when the device is
reset, or by writing a zero to DAIEN (DAI disabled). Also, note that writes to reserved bits are ignored and reads
return zeros.
3.16.5
DAIDR2 DAI Data Register 2 (address 0x8000.20C0)
DAIDR2 is a 32-bit register that utilizes 21 bits and is used to enable and disable the FIFOs for the
left and right channels of the DAI data stream. The left channel FIFO is enabled by writing
0x000D.8000 and disabled by writing 0x000D.0000. The right channel FIFO is enabled by writing
0x0011.8000 and disabled by writing 0x0011.0000. After writing a value to this register, wait until the
16-31
Reserved
31-16
15-0
Reserved
Bottom of Left Channel Receive FIFO
Read Access
31-16
15-0
Reserved
Top of Left Channel Transmit FIFO
Write Access
Bit
Description
0-15
LEFT CHANNEL DATA: Transmit / Receive Left Channel FIFO Data
Read — Bottom of Left Channel Receive FIFO data
Write — Top of Left Channel Transmit FIFO data
16-31
Reserved
Table 60. DAI Data Register 1
31-21
20-16
15
14-0
Reserved
FIFO Channel Select
FIFOEN
Reserved
Bit
Description
Table 59. DAI Data Register 0 (Continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com