Electronic Components Datasheet Search
  English  ▼

X  

CS89712-CB Datasheet(PDF) 112 Page - Cirrus Logic

Part # CS89712-CB
Description  HIGH-PERFORMANCE, LOW-POWER SYSTEM-ON-CHIP WITH 10BASE-T ETHERNET CONTROLLER
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS89712-CB Datasheet(HTML) 112 Page - Cirrus Logic

Back Button CS89712-CB Datasheet HTML 108Page - Cirrus Logic CS89712-CB Datasheet HTML 109Page - Cirrus Logic CS89712-CB Datasheet HTML 110Page - Cirrus Logic CS89712-CB Datasheet HTML 111Page - Cirrus Logic CS89712-CB Datasheet HTML 112Page - Cirrus Logic CS89712-CB Datasheet HTML 113Page - Cirrus Logic CS89712-CB Datasheet HTML 114Page - Cirrus Logic CS89712-CB Datasheet HTML 115Page - Cirrus Logic CS89712-CB Datasheet HTML 116Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 170 page
background image
CS89712
112
DS502PP2
1
RCRS: Right Channel Receive FIFO Service Request (read-only)
0 — Right Channel Receive FIFO is less than half full (five or fewer entries filled) or DAI dis-
abled
1 — Right Channel Receive FIFO is half full or more (six or more entries filled) and DAI opera-
tion is enabled, interrupt request signaled if not masked (if RCRM = 1)
2
LCTS: Left Channel Transmit FIFO Service Request Flag (read-only)
0 — Left Channel Transmit FIFO is more than half full or less (four or fewer entries filled) or DAI
disabled.
1 — Left Channel Transmit FIFO is half full or less (four or fewer entries filled) and DAI opera-
tion is enabled, interrupt request signaled if not masked
(if LCTM = 1)
3
LCRS: 0 — Left Channel Receive FIFO is less than half full (five or fewer entries filled) or DAI
disabled.
1 — Left Channel Receive FIFO is half full or more (six or more entries filled) and DAI opera-
tion is enabled, interrupt request signalled if not masked (if LCRM = 1)
4
Right Channel Transmit FIFO Underrun
0 — Right Channel Transmit FIFO has not experienced an underrun
1 — Right Channel Transmit logic attempted to fetch data from transmit FIFO while it was
empty, request interrupt
5
RCRO: Right Channel Receive FIFO Overrun
0 — Right Channel Receive FIFO has not experienced an overrun
1 — Right Channel Receive logic attempted to place data into receive FIFO while it was full,
request interrupt
6
LCTU: Left Channel Transmit FIFO Underrun
0 — Left Channel Transmit FIFO has not experienced an underrun
1 — Left Channel Transmit logic attempted to fetch data from transmit FIFO while it was empty,
request interrupt
7
LCRO: Left Channel Receive FIFO Overrun
0 — Left Channel Receive FIFO has not experienced an overrun
1 — Left Channel Receive logic attempted to place data into receive FIFO while it was full,
request interrupt
8
RCNF: Right Channel Transmit FIFO Not Full (read-only)
0 — Right Channel Transmit FIFO is full
1 — Right Channel Transmit FIFO is not full
9
RCNE: Right Channel Receive FIFO Not Empty (read-only)
0 — Right Channel Receive FIFO is empty
1 — Right Channel Receive FIFO is not empty
10
LCNF: LCNETelecom Transmit FIFO Not Full (read-only)
0 — Left Channel Transmit FIFO is full
1 — Left Channel Transmit FIFO is not full
Bit
Description
Table 62.
DAI Control, Data and Status Register Locations (Continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com