Electronic Components Datasheet Search
  English  ▼

X  

CS89712-CB Datasheet(PDF) 115 Page - Cirrus Logic

Part # CS89712-CB
Description  HIGH-PERFORMANCE, LOW-POWER SYSTEM-ON-CHIP WITH 10BASE-T ETHERNET CONTROLLER
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS89712-CB Datasheet(HTML) 115 Page - Cirrus Logic

Back Button CS89712-CB Datasheet HTML 111Page - Cirrus Logic CS89712-CB Datasheet HTML 112Page - Cirrus Logic CS89712-CB Datasheet HTML 113Page - Cirrus Logic CS89712-CB Datasheet HTML 114Page - Cirrus Logic CS89712-CB Datasheet HTML 115Page - Cirrus Logic CS89712-CB Datasheet HTML 116Page - Cirrus Logic CS89712-CB Datasheet HTML 117Page - Cirrus Logic CS89712-CB Datasheet HTML 118Page - Cirrus Logic CS89712-CB Datasheet HTML 119Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 115 / 170 page
background image
CS89712
DS502PP2
115
data and is cleared when it no longer contains any valid data. This bit can be polled when using pro-
grammed I/O to remove remaining data from the receive FIFO. This bit does not request an interrupt.
3.16.6.13 FIFO Operation Completed Flag (FIFO)
The FIFO Operation Completed (FIFO) Flag is set after the FIFO operation requested by writing to
DAIDR2 as completed.
FIFO is automatically cleared when DAIDR2 is read or written. This bit does not request an interrupt.
3.16.7
DAI64Fs Control (address 0x8000.2600)
The DAI now includes a divider network for the frequency of the clock source. The CS89712 provides
for both 128 and 64 times the sample frequency (128 fs and 64 fs) to better support the various MP3
sample rates. There are two clocks to choose from: 73.728 MHz PLL clock as well as the 11.2896
Mhz external clock. The purpose is support more devices that use the 64 fs rate. Both clocks are fixed
rate clocks so the divider network (AUDIV) is required.
31-15
14-8
7-6
5
4
3
2
1
0
AUDDIV
LOOPBACK
MCLK256EN
AUDCLKSRC
AUDIOCLKEN
I2SFS64
Bit
Description
0
I2SF64: 0 => 128 fs 1=>64 fs If high, SYSCON3 bit 9 must be low. The converse is also true.
1
AUDCLKEN: Enable audio clock generator
2
AUDCLKSRC: ClockSource 0=>73.728MHz(PLL) 1=>11.2896MHz(ExtClock)
3
MCLK256EN: Selects MCLK (256 fs) or the BUZZ pin
4
Reserved
5
LOOPBACK: Test mode. Digital data normally output to DAC loops internally.
6-7
Reserved
8-14
AUDIV: Frequency divisor for sample frequency and bit clock using either the external clock or
the PLL clock for the audio clock generator
15-31
Reserved
Table 63. DAI64Fs Control Register
Clock
Source (MHz)
Sample
Frequency (KHz)
128 fs
Audio Bit
Clock (MHz)
64 fs
Audio Bit Clock
(MHz)
128 fs
Divisor
(AUDDIV)
64 fs
Divisor
(AUDDIV)
73.728
8
1.0240
0.5120
36
72
11.2896
11.025
1.4112
0.7056
8
16
73.728
16
1.5360
0.7680
18
36
11.2896
22.050
2.8224
1.4112
4
8
73.728
24
3.0720
1.5360
12
24
73.728
32
4.0960
2.0480
9
18
11.2896
44.1
5.6448
2.8224
2
4
73.728
48
6.1440
3.0720
6
12
Table 64. Clock Source for 64 fs and 128 fs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com