Electronic Components Datasheet Search
  English  ▼

X  

CS89712-CB Datasheet(PDF) 114 Page - Cirrus Logic

Part # CS89712-CB
Description  HIGH-PERFORMANCE, LOW-POWER SYSTEM-ON-CHIP WITH 10BASE-T ETHERNET CONTROLLER
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS89712-CB Datasheet(HTML) 114 Page - Cirrus Logic

Back Button CS89712-CB Datasheet HTML 110Page - Cirrus Logic CS89712-CB Datasheet HTML 111Page - Cirrus Logic CS89712-CB Datasheet HTML 112Page - Cirrus Logic CS89712-CB Datasheet HTML 113Page - Cirrus Logic CS89712-CB Datasheet HTML 114Page - Cirrus Logic CS89712-CB Datasheet HTML 115Page - Cirrus Logic CS89712-CB Datasheet HTML 116Page - Cirrus Logic CS89712-CB Datasheet HTML 117Page - Cirrus Logic CS89712-CB Datasheet HTML 118Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 114 / 170 page
background image
CS89712
114
DS502PP2
vice request and / or interrupt) is automatically cleared.
3.16.6.5
Right Channel Transmit FIFO Underrun Status (RCTU)
This is set when the Right Channel Transmit logic attempts to fetch data from the FIFO after it has
been emptied. When an underrun occurs, the Right Channel Transmit logic continuously transmits
the last valid right channel value which was transmitted before the underrun. Once data is placed in
the FIFO and it is transferred down to the bottom, the Right Channel Transmit logic uses the new val-
ue within the FIFO for transmission. When the RCTU bit is set, an interrupt request is made.
3.16.6.6
Right Channel Receive FIFO Overrun Status (RCRO)
This is set when the right channel receive logic attempts to place data into the Right Channel Receive
FIFO after it has been completely filled. Each time a new piece of data is received, the set signal to
the RCRO status bit is asserted, and the newly received data is discarded. This process is repeated
for each new sample received until at least one empty FIFO entry exists. When this bit is set, an in-
terrupt request is made.
3.16.6.7
Left Channel Transmit FIFO Underrun Status (LCTU)
The Left Channel Transmit FIFO Underrun Status Bit (LCTU) is set when the Left Channel Transmit logic at-
tempts to fetch data from the FIFO after it has been completely emptied. When an underrun occurs, the Left
Channel Transmit logic continuously transmits the last valid left channel value which was transmitted before
the underrun occurred. Once data is placed in the FIFO and it is transferred down to the bottom, the Left Channel
Transmit logic uses the new value within the FIFO for transmission. When the LCTU bit is set, an interrupt re-
quest is made.
3.16.6.8
Left Channel Receive FIFO Overrun Status (LCRO)
The Left Channel Receive FIFO Overrun Status Bit (LCRO) is set when the Left Channel Receive log-
ic places data into the Left Channel Receive FIFO after it has been completely filled. Each time a new
piece of data is received, the set signal to the LCRO status bit is asserted, and the newly received
sample is discarded. This process is repeated for each new piece of data received until at least one
empty FIFO entry exists. When the LCRO bit is set, an interrupt request is made.
3.16.6.9
Right Channel Transmit FIFO Not Full Flag (RCNF)
The Right Channel Transmit FIFO Not Full Flag (RCNF) is a read-only bit which is set whenever the
Right Channel Transmit FIFO contains one or more entries which do not contain valid data and is
cleared when the FIFO is completely full. This bit can be polled when using programmed I/O to fill the
Right Channel Transmit FIFO. This bit does not request an interrupt.
3.16.6.10 Right Channel Receive FIFO Not Empty Flag (RCNE)
The Right Channel Receive FIFO Not Empty Flag (RCNELCNF) is a read-only bit which is set when
ever the Right Channel Receive FIFO contains one or more entries of valid data and is cleared when
it no longer contains any valid data. This bit can be polled when using programmed I/O to remove
remaining data from the receive FIFO. This bit does not request an interrupt.
3.16.6.11 Left Channel Transmit FIFO Not Full Flag (LCNF)
This is a read-only bit which is set when ever the Left Channel Transmit FIFO contains one or more
entries which do not contain valid data. It is cleared when the FIFO is full. This bit can be polled when
using programmed I/O to fill the Left Channel Transmit FIFO. This bit does not request an interrupt.
3.16.6.12 Left Channel Receive FIFO Not Empty Flag (LCNE)
This is a read-only bit set when the Left Channel Receive FIFO contains one or more entries of valid



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com