Electronic Components Datasheet Search
  English  ▼

X  

CS89712-CB Datasheet(PDF) 113 Page - Cirrus Logic

Part # CS89712-CB
Description  HIGH-PERFORMANCE, LOW-POWER SYSTEM-ON-CHIP WITH 10BASE-T ETHERNET CONTROLLER
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS89712-CB Datasheet(HTML) 113 Page - Cirrus Logic

Back Button CS89712-CB Datasheet HTML 109Page - Cirrus Logic CS89712-CB Datasheet HTML 110Page - Cirrus Logic CS89712-CB Datasheet HTML 111Page - Cirrus Logic CS89712-CB Datasheet HTML 112Page - Cirrus Logic CS89712-CB Datasheet HTML 113Page - Cirrus Logic CS89712-CB Datasheet HTML 114Page - Cirrus Logic CS89712-CB Datasheet HTML 115Page - Cirrus Logic CS89712-CB Datasheet HTML 116Page - Cirrus Logic CS89712-CB Datasheet HTML 117Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 170 page
background image
CS89712
DS502PP2
113
3.16.6.1
Right Channel Transmit FIFO Service Request Flag (RCTS)
The Right Channel Transmit FIFO Service Request Flag (RCTS) is a read-only bit which is set when
the Right Channel Transmit FIFO is nearly empty and requires service to prevent an underrun. RCTS
is set any time the Right Channel Transmit FIFO has four or fewer entries of valid data (half full or
less), and is cleared when it has five or more entries of valid data. When the RCTS bit is set, an in-
terrupt request is made unless the Right Channel Transmit FIFO interrupt request mask (RCTM) bit
is cleared. After the CPU fills the FIFO such that four or more locations are filled within the Right Chan-
nel Transmit FIFO, the RCTS flag (and the service request and / or interrupt) is automatically cleared.
3.16.6.2
Right Channel Receive FIFO Service Request Flag (RCRS)
The Right Channel Receive FIFO Service Request Flag (RCRS) is a read-only bit which is set when
the Right Channel Receive FIFO is nearly filled and requires service to prevent an overrun. RCRS is
set any time the Right Channel Receive FIFO has six or more entries of valid data (half full or more),
and cleared when it has five or fewer (less than half full) entries of data. When the RCRS bit is set,
an interrupt request is made unless the Right Channel Receive FIFO interrupt request mask (RCRM)
bit is cleared. After six or more entries are removed from the receive FIFO, the LCRS flag (and the
service request and / or interrupt) is automatically cleared.
3.16.6.3
Left Channel Transmit FIFO Service Request Flag (LCTS)
The Left Channel Transmit FIFO Service Request Flag (LCTS) is a read-only bit which is set when
the Left Channel Transmit FIFO is nearly empty and requires service to prevent an underrun. LCTS
is set any time the Left Channel Transmit FIFO has four or fewer entries of valid data (half full or less).
It is cleared when it has five or more entries of valid data. When the LCTS bit is set, an interrupt re-
quest is made unless the Left Channel Transmit FIFO interrupt request mask (LCTM) bit is cleared.
After the CPU fills the FIFO such that four or more locations are filled within the Left Channel Transmit
FIFO, the LCTS flag (and the service request and / or interrupt) is automatically cleared.
3.16.6.4
Left Channel Receive FIFO Service Request Flag (LCRS)
The Left Channel Receive FIFO Service Request Flag (LCRS) is a read-only bit which is set when
the Left Channel Receive FIFO is nearly filled and requires service to prevent an overrun. LCRS is
set any time the Left Channel Receive FIFO has six or more entries of valid data (half full or more),
and cleared when it has five or fewer (less than half full) entries of data. When the LCRS bit is set, an
interrupt request is made unless the Left Channel Receive FIFO interrupt request mask (LCRM) bit
is cleared. After six or more entries are removed from the receive FIFO, the LCRS flag (and the ser-
11
LCNE: Left Channel Receive FIFO Not Empty (read-only)
0 — Left Channel Receive FIFO is empty
1 — Left Channel Receive FIFO is not empty
12
FIFO: FIFO Operation Completed (read-only)0 — A FIFO Operation has not completed since
the last time this bit was cleared1 — THe FIFO Operation was completed
13
Reserved
14
Reserved
15
Reserved
16-31
Reserved
Bit
Description
Table 62.
DAI Control, Data and Status Register Locations (Continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com