Electronic Components Datasheet Search
  English  ▼

X  

CS89712-CB Datasheet(PDF) 107 Page - Cirrus Logic

Part # CS89712-CB
Description  HIGH-PERFORMANCE, LOW-POWER SYSTEM-ON-CHIP WITH 10BASE-T ETHERNET CONTROLLER
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS89712-CB Datasheet(HTML) 107 Page - Cirrus Logic

Back Button CS89712-CB Datasheet HTML 103Page - Cirrus Logic CS89712-CB Datasheet HTML 104Page - Cirrus Logic CS89712-CB Datasheet HTML 105Page - Cirrus Logic CS89712-CB Datasheet HTML 106Page - Cirrus Logic CS89712-CB Datasheet HTML 107Page - Cirrus Logic CS89712-CB Datasheet HTML 108Page - Cirrus Logic CS89712-CB Datasheet HTML 109Page - Cirrus Logic CS89712-CB Datasheet HTML 110Page - Cirrus Logic CS89712-CB Datasheet HTML 111Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 170 page
background image
CS89712
DS502PP2
107
3.16.1
DAI Control Register (address 0x8000.2000)
The DAI control register (DAIR) contains eight different bit fields that control various functions within
the DAI interface.
31-24
2322
21
201918
1716
15-0
Reserved
Reserved
RCRM
RCTM
LCRM
LCTM
Reserved
ECS
DAIEN
Reserved
Bit
Description
0-15
Reserved Must be set to 0x0404
7
Reserved
15
Reserved
16
DAIEN: DAI Interface Enable
0 — DAI operation disabled, control of the SDIN, SDOUT, SCLKLRCK, and LRCK pins given to
the SSI2 / CODEC / DAI pin mulitiplexing logic to assign I/O pins 60-64 to another block.
1 — DAI operation enabled
Note that by default, the SSI / CODEC have precedence over the DAI interface in regard to the
use of the I/O pins. Nevertheless, when bit 3 (DAISEL) of register SYSCON3 is set to 1, then
the above mentioned DAI ports are connected to I/O pins 60–64.
17
ECS: External Clock Select selects external MCLK when = 1.
18
ReservedMust be 0.
19
LCTM: Left Channel Transmit FIFO Interrupt Mask
0 — Left Channel Transmit FIFO half-full or less condition does not generate an interrupt (LCTS
bit ignored).
1 — Left Channel Transmit FIFO half-full or less condition generates an interrupt (state of LCTS
sent to interrupt controller).
20
LCRM: Left Channel Receive FIFO Interrupt Mask
0 — Left Channel Receive FIFO half-full or more condition does not generate an interrupt
(LCRS bit ignored).
1 — Left Channel Receive FIFO half-full or more condition generates an interrupt (state of
LCRS sent to interrupt controller).
21
RCTM: Right Channel Transmit FIFO Interrupt Mask
0 — Right Channel Transmit FIFO half-full or less condition does not generate an interrupt
(RCTS bit ignored).
1 — Right Channel Transmit FIFO half-full or less condition generates an interrupt (state of
RCTS sent to interrupt controller).
22
RCRM: Right Channel Receive FIFO Interrupt Mask
0 — Right Channel Receive FIFO half-full or more condition does not generate an interrupt
(RCRS bit ignored).
1 — Right Channel Receive FIFO half-full or more condition generates an interrupt (state of
RCRS sent to interrupt controller).
23
Reserved
24-31
Reserved
Table 58. DAI Control Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com