Electronic Components Datasheet Search
  English  ▼

X  

CS89712-CB Datasheet(PDF) 161 Page - Cirrus Logic

Part # CS89712-CB
Description  HIGH-PERFORMANCE, LOW-POWER SYSTEM-ON-CHIP WITH 10BASE-T ETHERNET CONTROLLER
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS89712-CB Datasheet(HTML) 161 Page - Cirrus Logic

Back Button CS89712-CB Datasheet HTML 157Page - Cirrus Logic CS89712-CB Datasheet HTML 158Page - Cirrus Logic CS89712-CB Datasheet HTML 159Page - Cirrus Logic CS89712-CB Datasheet HTML 160Page - Cirrus Logic CS89712-CB Datasheet HTML 161Page - Cirrus Logic CS89712-CB Datasheet HTML 162Page - Cirrus Logic CS89712-CB Datasheet HTML 163Page - Cirrus Logic CS89712-CB Datasheet HTML 164Page - Cirrus Logic CS89712-CB Datasheet HTML 165Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 161 / 170 page
background image
CS89712
DS502PP2
161
ETHERNET QUARTZ CRYSTAL REQUIREMENTS (If a 20 MHz quartz crystal is used, it
must meet the following specifications)
Parameter
Min
Typ
Max
Unit
Parallel Resonant Frequency
-
20
-
MHz
Resonant Frequency Error (CL = 18 pF)
-50
-
+50
ppm
Resonant Frequency Change Over Operating Temperature
-40
-
+40
ppm
Crystal Capacitance
-
-
18
pF
Motional Crystal Capacitance
-
0.022
-
pF
Series Resistance
-
-
50
Ohm
Shunt Capacitance
-
-
7
pF
Rt
Rt
TD +
TD -
TXD +
TXD -
RJ45
1
2
RD +
RD -
3
6
0.01
µF
+
RXD+
RXD-
Rr
Rr
0.01
µF
-
560 pF
1:2.5
1:1
Figure 37. 10Base-T Wiring
Notes: 1. If a center tap transformer is used on the RXD+ and RXD- inputs, replace the pair of Rr resistors with
a single 2xRr resistor.
2. The Rt and Rr resistors are ±1% tolerance.
3. The CS89712 Ethernet port supports 100 W unshielded twisted pair cables. The proper values of Rt
and Rr, for a given cable impedance, are shown below:
Cable Impedance (
Ω)Rt (Ω)
Rr (
Ω)
100
8.2
49.9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com