Electronic Components Datasheet Search
  English  ▼

X  

CS89712-CB Datasheet(PDF) 166 Page - Cirrus Logic

Part # CS89712-CB
Description  HIGH-PERFORMANCE, LOW-POWER SYSTEM-ON-CHIP WITH 10BASE-T ETHERNET CONTROLLER
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS89712-CB Datasheet(HTML) 166 Page - Cirrus Logic

Back Button CS89712-CB Datasheet HTML 162Page - Cirrus Logic CS89712-CB Datasheet HTML 163Page - Cirrus Logic CS89712-CB Datasheet HTML 164Page - Cirrus Logic CS89712-CB Datasheet HTML 165Page - Cirrus Logic CS89712-CB Datasheet HTML 166Page - Cirrus Logic CS89712-CB Datasheet HTML 167Page - Cirrus Logic CS89712-CB Datasheet HTML 168Page - Cirrus Logic CS89712-CB Datasheet HTML 169Page - Cirrus Logic CS89712-CB Datasheet HTML 170Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 166 / 170 page
background image
CS89712
166
DS502PP2
•
Inter-Packet Gap
Time interval between packets on the Ethernet.
Minimum interval is 9.6 ms.
•
Jabber
A condition that results when an Ethernet node
transmits longer than between 20 ms and
150 ms.
•
Packet
The entire serial string of bits transmitted over
an Ethernet network. This includes the pream-
ble, Start-of-Frame Delimiter, Destination Ad-
dress, Source Address, Length field, Data field,
pad bits (if necessary), and Frame Check Se-
quence (FCS, also called CRC). A packet is a
frame plus the Preamble and SFD.
•
Slot Time
Time required for an Ethernet Frame to cross a
maximum length Ethernet network. One Slot
Time equals 512 bit times.
•
Suspend
Used to conserve power. When in Suspend
mode, the Ethernet port can be awakened only
by software command.
•Transfer
Moving frame data across the memory bus
from the Ethernet port RAM to system RAM.
During receive operations, only frame data are
transferred (preamble and SFD are stripped off
by the CS89712’s MAC engine). The FCS may
or may not be transferred, depending on the
configuration. Transfers are counted in bytes.
•
Transmit Collision
The receive inputs, RXD+/RXD- (10BASE-T)
are active while a packet is being transmitted.
•
Transmit Request
A Transmit Request is issued by the software to
initiate the start of a new packet transmission.
Suffixes Specific to the Ethernet port
These have meaning only at the end of a term:
A
Accept
CMD
Command
CFG
Configure
CTL
Control
Dis
Disable
E
Enable
h
Indicates the number is hexadecimal
iE
Interrupt Enable
ST
Status



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com