Electronic Components Datasheet Search
  English  ▼

X  

GL850 Datasheet(PDF) 22 Page - List of Unclassifed Manufacturers

Part # GL850
Description  USB 2.0 4-PORT HUB Controller
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

GL850 Datasheet(HTML) 22 Page - List of Unclassifed Manufacturers

Back Button GL850 Datasheet HTML 18Page - List of Unclassifed Manufacturers GL850 Datasheet HTML 19Page - List of Unclassifed Manufacturers GL850 Datasheet HTML 20Page - List of Unclassifed Manufacturers GL850 Datasheet HTML 21Page - List of Unclassifed Manufacturers GL850 Datasheet HTML 22Page - List of Unclassifed Manufacturers GL850 Datasheet HTML 23Page - List of Unclassifed Manufacturers GL850 Datasheet HTML 24Page - List of Unclassifed Manufacturers GL850 Datasheet HTML 25Page - List of Unclassifed Manufacturers GL850 Datasheet HTML 26Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 40 page
background image
GL850 USB 2.0 4-Port HUB Controller
©2000-2003 Genesys Logic Inc.—All rights reserved.
Page 22
5.2.4 LED Connections
GL850 controls the LED lighting according to the flow defined in section 11.5.3 of Universal Serial Bus
Specification Revision2.0. Both manual mode and Automatic mode are supported in GL850. When GL850
is globally suspended, GL850 will turn off the LED to save power.
AMBER/GREEN
Inside GL850
On PCB
DGND
LED
Figure 5.8 - LED Connection
5.2.5 EEPROM Setting
GL850 replies to host commands by the default settings in the internal ROM. GL850 also offers the ability
to reply to the host according to the settings in the external EEPROM(93C46). The following table shows
the configuration of 93C46.
Table 5.1 - 93C46 Configuration
00h
01h
02h
03h
04h
05h
06h
07h
00 VID_H
VID_L PID_H PID_L CHKSUM FF PORT_NO
DEVICE
REMOVABLE
FF FF FF FF FF FF FF FF
08
VENDOR
LENGTH
XX
XX
XX
XX
XX
XX
XX
XX XX XX XX XX XX XX XX
10
XX
XX
XX
XX
XX
XX
XX
XX
XX XX XX XX XX XX XX XX
18
XX
XX
XX
XX
XX
XX
XX
XX
XX XX XX XX XX XX XX XX
20
PRODUCT
LENGTH
XX
XX
XX
XX
XX
XX
XX
XX XX XX XX XX XX XX XX
28
XX
XX
XX
XX
XX
XX
XX
XX
XX XX XX XX XX XX XX XX
30
XX
XX
XX
XX
XX
XX
XX
XX
XX XX XX XX XX XX XX XX
38
SERIAL
NUMBER
LENGTH
XX
XX
XX
XX
XX
XX
XX
XX XX XX XX XX XX XX XX
40
XX
XX
XX
XX
XX
XX
XX
XX
XX XX XX XX XX XX XX XX
48
XX
XX
XX
XX
XX
XX
XX
XX
XX XX XX XX XX XX XX XX
Note: 1. VID_H/VID_L: high/low byte of VID value
2. PID_H/PID_L: high/low byte of PID value
3. CHKSUM: CHKSUM must equal to VID_H + VID_L + PID_H + PID_L + 1,otherwise
firmware will ignore the EEPROM settings.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com