Electronic Components Datasheet Search
  English  ▼

X  

GL850 Datasheet(PDF) 36 Page - List of Unclassifed Manufacturers

Part # GL850
Description  USB 2.0 4-PORT HUB Controller
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

GL850 Datasheet(HTML) 36 Page - List of Unclassifed Manufacturers

Back Button GL850 Datasheet HTML 32Page - List of Unclassifed Manufacturers GL850 Datasheet HTML 33Page - List of Unclassifed Manufacturers GL850 Datasheet HTML 34Page - List of Unclassifed Manufacturers GL850 Datasheet HTML 35Page - List of Unclassifed Manufacturers GL850 Datasheet HTML 36Page - List of Unclassifed Manufacturers GL850 Datasheet HTML 37Page - List of Unclassifed Manufacturers GL850 Datasheet HTML 38Page - List of Unclassifed Manufacturers GL850 Datasheet HTML 39Page - List of Unclassifed Manufacturers GL850 Datasheet HTML 40Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 36 / 40 page
background image
GL850 USB 2.0 4-Port HUB Controller
©2000-2003 Genesys Logic Inc.—All rights reserved.
Page 36
5.4.2.8 Endpoint Descriptor in Other Speed Configuration Descriptor
Table 5.22 - Other Speed Endpoint Descriptor for High Speed
Offset
Field
Value
Description
I/O
Configuration
EEPROM
Configuration
0
bLength
07h
7bytes for this descriptor
-
-
1
bDescriptorType
05h
Endpoint descriptor type
-
-
2
bEpointAddress
81h
Address of the endpoint
-
-
4
bAttribute
03h
Interrupt endpoint
-
-
5
wMaxPacketSize
01h
Max. packet size of the
endpoint
-
-
6
bInterval
FFh
Polling interval (ms)
-
-
5.4.2.9 String Descriptor
All the values of all the String Descriptors for high speed are the same as those for full speed.
Table 5.23 - String Index0 for High Speed
Offset
Field
Value
Description
I/O
Configuration
EEPROM
Configuration
0
bLength
04h
4 bytes for this descriptor
-
-
1
bDescriptorType
03h
String descriptor type
-
-
2
wLangid
0409 Language : English
-
-
Table 5.24 - String Index1 for High Speed
Offset
Field
Value
Description
I/O
Configuration
EEPROM
Configuration
0
bLength
16h
16 bytes for this descriptor
-
Y
1
bDescriptorType
03h
String descriptor type
-
Y
2
bString
Unicode encoded manufacture
string - USB2.0 Hub as default
setting
-
Y
Table 5.25 - String Index2 for High Speed
Offset
Field
Value
Description
I/O
Configuration
EEPROM
Configuration
0
bLength
XXh x bytes for this descriptor
-
Y
1
bDescriptorType
03h
String descriptor type
-
Y
2
bString
Unicode encoded product string –
No default setting
-
Y



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com