Electronic Components Datasheet Search
  English  ▼

X  

GL850 Datasheet(PDF) 28 Page - List of Unclassifed Manufacturers

Part # GL850
Description  USB 2.0 4-PORT HUB Controller
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

GL850 Datasheet(HTML) 28 Page - List of Unclassifed Manufacturers

Back Button GL850 Datasheet HTML 24Page - List of Unclassifed Manufacturers GL850 Datasheet HTML 25Page - List of Unclassifed Manufacturers GL850 Datasheet HTML 26Page - List of Unclassifed Manufacturers GL850 Datasheet HTML 27Page - List of Unclassifed Manufacturers GL850 Datasheet HTML 28Page - List of Unclassifed Manufacturers GL850 Datasheet HTML 29Page - List of Unclassifed Manufacturers GL850 Datasheet HTML 30Page - List of Unclassifed Manufacturers GL850 Datasheet HTML 31Page - List of Unclassifed Manufacturers GL850 Datasheet HTML 32Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 40 page
background image
GL850 USB 2.0 4-Port HUB Controller
©2000-2003 Genesys Logic Inc.—All rights reserved.
Page 28
5.4.1.2 Device Qualifier Descriptor
Hub returns Device Qualifier Descriptor when GET_DESCRIPTOR (DEVICE_QUALIFIER) command is
issued from host.
Table 5.5 - Device Qualifier for Full Speed
Offset
Field
Value
Description
I/O
Configuration
EEPROM
Configuration
0
bLength
0Ah 10 bytes for this descriptor
-
-
1
bDescriptorType
06h
Device qualifier descriptor
type
-
-
2
bcdUSB
0200h USB2.0 compliance
-
-
4
bDeviceClass
09h
Hub class code
-
-
5
bDeviceSubClass
00h
Subclass code
-
-
6
bDeviceProtocol
01h
Single TT
-
-
7
bMaxPacketSize0
40h
Max. packet size for
endpoint0 of other speed
-
-
8
bNumConfigurations
01h
Number of other speed
config.
-
-
9
bReserved
00h
Reserved for future use
-
-
5.4.1.3 Configuration Descriptor
When host issues GET_DESCRIPTOR (CONFIGURATION) command to the hub, hub will return
Configuration Descriptor, Interface Descriptor, and Endpoint Descriptor in combination to the host.
Table 5.6 - Configuration Descriptor for Full Speed
Offset
Field
Value
Description
I/O
Configuration
EEPROM
Configuration
0
bLength
09h
9 bytes for this descriptor
-
-
1
bDescriptorType
02h
Configuration descriptor
type
-
-
2
wTotalLength
0019h Total 25 bytes
-
-
4
bNumberInterface
01h
Number of interfaces
-
-
5
bConfigurationValue
01h
Configuration value
-
-
6
iConfiguration
00h
Index of string descriptor
-
-
7
bmAttribute
E0h
Can switch between self
power and bus power
-
-
8
bMaxPower
32h
Max. power = 100 mA
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com