Electronic Components Datasheet Search
  English  ▼

X  

GL850 Datasheet(PDF) 40 Page - List of Unclassifed Manufacturers

Part # GL850
Description  USB 2.0 4-PORT HUB Controller
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

GL850 Datasheet(HTML) 40 Page - List of Unclassifed Manufacturers

Back Button GL850 Datasheet HTML 32Page - List of Unclassifed Manufacturers GL850 Datasheet HTML 33Page - List of Unclassifed Manufacturers GL850 Datasheet HTML 34Page - List of Unclassifed Manufacturers GL850 Datasheet HTML 35Page - List of Unclassifed Manufacturers GL850 Datasheet HTML 36Page - List of Unclassifed Manufacturers GL850 Datasheet HTML 37Page - List of Unclassifed Manufacturers GL850 Datasheet HTML 38Page - List of Unclassifed Manufacturers GL850 Datasheet HTML 39Page - List of Unclassifed Manufacturers GL850 Datasheet HTML 40Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 40 / 40 page
background image
GL850 USB 2.0 4-Port HUB Controller
©2000-2003 Genesys Logic Inc.—All rights reserved.
Page 40
CHAPTER 7 PACKAGE DIMENSION
16
CONTROLDIMENSIONSAREINMILLIMETERS.
SYMBOL
MILLIMETER
INCH
MIN.
NOM. MAX.
MAX.
MIN.
NOM.
A
A1
A2
D
D1
E
E1
R2
R1
c
L
L1
S
b
e
aaa
bbb
ccc
ddd
D2
E2
TOLERANCESOFFORMANDPOSITION
12.00BASIC
12.00BASIC
10.00BASIC
10.00BASIC
0.472BASIC
0.472BASIC
0.393BASIC
0.393BASIC
0.05
1.35
1.40
1.60
0.15
1.45
0
0
11
11
3.5
12
12
7
13
13
0.08
0.08
0.20 0.003
0.003
0.008
0
0
11
11
3.5
12
12
7
13
13
0.063
0.006
0.057
0.055
0.002
0.053
0.20
0.20
0.08
0.08
0.008
0.008
0.003
0.003
0.50BASIC
7.50BASIC
7.50BASIC
0.020BASIC
0.295BASIC
0.295BASIC
1.00REF
0.039REF
0.09
0.45
0.20
0.17
0.60
0.20
0.20
0.75
0.27
0.004
0.018
0.008
0.007
0.024
0.008
0.008
0.030
0.011
0-
02
-
03
-
01
-
NOTES :
1.
2.
DIMENSIONS D1 AND E1 DO NOT INCLUDE MOLD
PROTRUSION. ALLOWABLE PROTRUSION IS 0.25 mm PER
SIDE. D1 AND E1 ARE MAXIMUM PLASTIC BODY SIZE
DIMENSIONS INCLUDING MOLD MISMATCH.
DIMENSION b DOES NOT INCLUDE DAMBAR PROTRUSION.
ALLOWABLE DAMBAR PROTRUSION SHALL NOT CAUSE THE
LEAD WIDTH TO EXCEED THE MAXIMUM b DIMENSION BY
MORE THAN 0.08mm. DAMBAR CAN NOT BE LOCATED ON THE
LOWER RADIUS OR THE FOOT. MINIMUM SPACE BETWEEN
PROTRUSION AND AN ADJACENT LEAD IS 0.07mm.
SEATING
PLANE
e
b
4X
4X
64
1
17
32
33
48
49
GAGE PLANE
R1
R2
0.25mm
SL
03
-
02
-
H
A
AB D
C
aaa
B
AD
H
bbb
ddd M C
B
As
s
D
B
D1
D2
D
D
A
A2
A1
c
01
-
0
-
C
C
ccc
Figure 7.1 - GL850 64 Pin LQFP Package



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com