Electronic Components Datasheet Search
  English  ▼

X  

GL850 Datasheet(PDF) 33 Page - List of Unclassifed Manufacturers

Part # GL850
Description  USB 2.0 4-PORT HUB Controller
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

GL850 Datasheet(HTML) 33 Page - List of Unclassifed Manufacturers

Back Button GL850 Datasheet HTML 29Page - List of Unclassifed Manufacturers GL850 Datasheet HTML 30Page - List of Unclassifed Manufacturers GL850 Datasheet HTML 31Page - List of Unclassifed Manufacturers GL850 Datasheet HTML 32Page - List of Unclassifed Manufacturers GL850 Datasheet HTML 33Page - List of Unclassifed Manufacturers GL850 Datasheet HTML 34Page - List of Unclassifed Manufacturers GL850 Datasheet HTML 35Page - List of Unclassifed Manufacturers GL850 Datasheet HTML 36Page - List of Unclassifed Manufacturers GL850 Datasheet HTML 37Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 40 page
background image
GL850 USB 2.0 4-Port HUB Controller
©2000-2003 Genesys Logic Inc.—All rights reserved.
Page 33
5.4.2.2 Device Qualifier Descriptor
High Sped Device Qualifier Descriptor contains almost the same information as the Full Speed Device
Qualifier Descriptor, except that bDeviceProtocol value is 00h.
Table 5.16 - Device Qualifier for High Speed
Offset
Field
Value
Description
I/O
Configuration
EEPROM
Configuration
0
bLength
0Ah 10 bytes for this descriptor
-
-
1
bDescriptorType
06h
Device qualifier descriptor
type
-
-
2
bcdUSB
0200h USB2.0 compliance
-
-
4
bDeviceClass
09h
Hub class code
-
-
5
bDeviceSubClass
00h
Subclass code
-
-
6
bDeviceProtocol
00h
Protocol code
-
-
7
bMaxPacketSize0
40h
Max.
packet
size
for
endpoint0 of other speed
-
-
8
bNumConfigurations
01h
Number
of
other
speed
config.
-
-
9
bReserved
00h
Reserved for future use
-
-
5.4.2.3 Configuration Descriptor
Information contained in High Speed Configuration Descriptor is the same as Full Speed Configuration
Descriptor.
Table 5.17 - Configuration Descriptor for High Speed
Offset
Field
Value
Description
I/O
Configuration
EEPROM
Configuration
0
bLength
09h
9 bytes for this descriptor
-
-
1
bDescriptorType
02h
Configuration descriptor
type
-
-
2
wTotalLength
0019h Total 25 bytes
-
-
4
bNumberInterface
01h
Number of interfaces
-
-
5
bConfigurationValue
01h
Configuration value
-
-
6
iConfiguration
00h
Index of string descriptor
-
-
7
bmAttribute
E0h
Can switch between self
power and bus power
-
-
8
bMaxPower
32h
Max. power = 100 mA
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com