Electronic Components Datasheet Search
  English  ▼

X  

GL850 Datasheet(PDF) 32 Page - List of Unclassifed Manufacturers

Part # GL850
Description  USB 2.0 4-PORT HUB Controller
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

GL850 Datasheet(HTML) 32 Page - List of Unclassifed Manufacturers

Back Button GL850 Datasheet HTML 28Page - List of Unclassifed Manufacturers GL850 Datasheet HTML 29Page - List of Unclassifed Manufacturers GL850 Datasheet HTML 30Page - List of Unclassifed Manufacturers GL850 Datasheet HTML 31Page - List of Unclassifed Manufacturers GL850 Datasheet HTML 32Page - List of Unclassifed Manufacturers GL850 Datasheet HTML 33Page - List of Unclassifed Manufacturers GL850 Datasheet HTML 34Page - List of Unclassifed Manufacturers GL850 Datasheet HTML 35Page - List of Unclassifed Manufacturers GL850 Datasheet HTML 36Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 40 page
background image
GL850 USB 2.0 4-Port HUB Controller
©2000-2003 Genesys Logic Inc.—All rights reserved.
Page 32
Table 5.14 - String Index2 for Full Speed
Offset
Field
Value
Description
I/O
Configuration
EEPROM
Configuration
0
bLength
xxh
x bytes for this descriptor
-
Y
1
bDescriptorType
03h
String descriptor type
-
Y
2
bString
Unicode encoded product string –
No default setting
-
Y
5.4.2 High Speed Case
5.4.2.1 Device Descriptor
High Speed Device Descriptor is replied when hub is operated in high speed mode. The content of high speed Device
Descriptor is almost the same as Full Speed Device Descriptor, except the bDeviceProtocol value is 01h, which means
GL850 is a single TT hub.
Table 5.15 - Device Descriptor for High Speed
Offset
Field
Value
Description
I/O
Configuration
EEPROM
Configuration
0
bLength
12h
18 bytes for this descriptor
-
-
1
bDescriptorType
01h
Device descriptor type
-
-
2
bcdUSB
0200h USB2.0 compliance
-
-
4
bDeviceClass
09h
Hub class code
-
5
bDeviceSubClass
00h
Subclass code
-
6
bDeviceProtocol
01h
Single TT
-
7
bMaxPacktSize0
40h
Max. packet size of
endpoint0
-
8
idVendor
05E3h
Vendor ID of Genesys
Logic Inc.
Y
10
idProduct
0660h
Product ID of Genesys
Logic Inc.
Y
12
bcdDevice
xxxxh Version Control
Y
14
iManufacturer
00h
Index of vendor string
Y
15
idProduct
01h
Index of product string
-
Y
16
iSerialNumber
00h
Index of serial number
-
Y
17
bNumConfigurations
01h
Number of configuration
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com