Electronic Components Datasheet Search
  English  ▼

X  

GL850 Datasheet(PDF) 30 Page - List of Unclassifed Manufacturers

Part # GL850
Description  USB 2.0 4-PORT HUB Controller
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

GL850 Datasheet(HTML) 30 Page - List of Unclassifed Manufacturers

Back Button GL850 Datasheet HTML 26Page - List of Unclassifed Manufacturers GL850 Datasheet HTML 27Page - List of Unclassifed Manufacturers GL850 Datasheet HTML 28Page - List of Unclassifed Manufacturers GL850 Datasheet HTML 29Page - List of Unclassifed Manufacturers GL850 Datasheet HTML 30Page - List of Unclassifed Manufacturers GL850 Datasheet HTML 31Page - List of Unclassifed Manufacturers GL850 Datasheet HTML 32Page - List of Unclassifed Manufacturers GL850 Datasheet HTML 33Page - List of Unclassifed Manufacturers GL850 Datasheet HTML 34Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 40 page
background image
GL850 USB 2.0 4-Port HUB Controller
©2000-2003 Genesys Logic Inc.—All rights reserved.
Page 30
5.4.1.6 Other Speed Configuration Descriptor
An USB2.0 hub returns Other Speed Configuration Descriptor for the command GET_DESCRIPTOR
(OTHER_SPEED_CONFIGURATION). An USB2.0 host will issue this command when the hub plugged is
an USB2.0 hub.
Table 5.9 - Other Speed Configuration Descriptor for Full Speed
Offset
Field
Value
Description
I/O
Configuration
EEPROM
Configuration
0
bLength
09h
9 bytes for this descriptor
-
-
1
bDescriptorType
07h
Other speed descriptor
type
-
-
2
wTotalLength
19h
Total 25 bytes
-
-
4
bNumberInterface
01h
Number of interfaces
-
-
5
bConfigurationValue
01h
Configuration value
-
-
6
iConfiguration
00h
Index of string descriptor
-
-
7
bmAttribute
E0h
Can switch between self
power and bus power
-
-
8
bMaxPower
32h
Max. power = 100 mA
-
-
5.4.1.7 Interface Descriptor combined with Other Speed Configuration Descriptor
Other Speed Interface Descriptor is in combination after Other Speed Configuration Descriptor for the
command GET_DESCRIPTOR (OTHER_SPEED_CONFIGURATION).
Table 5.10 - Other Speed Interface Descriptor for Full Speed
Offset
Field
Value
Description
I/O
Configuration
EEPROM
Configuration
0
bLength
09h
9 bytes for this descriptor
-
-
1
bDescriptorType
04h
Interface descriptor type
-
-
2
bIerfaceNumber
00h
Interface number
-
-
3
bAlternateSetting
00h
Alternate setting
-
-
4
bNumEndpoints
01h
Number of endpoints
-
-
5
bInterfaceClass
09h
Hub class code
-
-
6
bInterfaceSubClass
00h
Subclass code
-
-
7
bInterfaceProtocol
00h
Single TT
-
-
8
iInterface
00h
Index of string descriptor
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com