Electronic Components Datasheet Search
  English  ▼

X  

GL850 Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # GL850
Description  USB 2.0 4-PORT HUB Controller
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

GL850 Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button GL850 Datasheet HTML 5Page - List of Unclassifed Manufacturers GL850 Datasheet HTML 6Page - List of Unclassifed Manufacturers GL850 Datasheet HTML 7Page - List of Unclassifed Manufacturers GL850 Datasheet HTML 8Page - List of Unclassifed Manufacturers GL850 Datasheet HTML 9Page - List of Unclassifed Manufacturers GL850 Datasheet HTML 10Page - List of Unclassifed Manufacturers GL850 Datasheet HTML 11Page - List of Unclassifed Manufacturers GL850 Datasheet HTML 12Page - List of Unclassifed Manufacturers GL850 Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 40 page
background image
GL850 USB 2.0 4-Port HUB Controller
©2000-2003 Genesys Logic Inc.—All rights reserved.
Page 9
CHAPTER 1 GENERAL DESCRIPTION
GL850 is a 4-port standard Universal Serial Bus (USB) hub controller complies with Universal Serial Bus
Specification Revision 2.0. GL850 can be connected to an USB1.1 host/hub or an USB2.0 host/hub. When
GL850 is connected to an USB1.1 host/hub, it works just like an USB1.1 hub; the upstream port will operate
in full-speed (FS) and the downstream port can operate in full-speed or low-speed (LS). When GL850 is
connected to an USB2.0 host/hub, it works as an USB2.0 hub; the upstream port will operate in high-speed
(HS) and the downstream port can operate in high-speed, full-speed, or low-speed. The bandwidths of high
speed, full speed, and low speed are 480 Mbps, 12 Mbps, and 1.5 Mbps respectively.
GL850 embeds an 8-bit RISC processor to manipulate the control/status registers and responds to the requests
from USB host. Firmware of GL850 will control its general purpose I/O (GPIO) to access the external
EEPROM and then respond to the host the customized PID and VID configured in the external EEPROM.
GL850 responds to the host the default settings in the internal ROM if there exists no external EEPROM.
GL850 is designed for customers with much flexibility. Customers can easily design GL850 as 4-port self/bus
powered, individual/ganged mode, by setting the I/O pins of GL850 (Ref. to Chapter 5). The more
complicated settings such as PID, VID, and number of downstream ports settings are easily achieved by
programming the external EEPROM.
TT (transaction translator) is the main traffic control engine in an USB2.0 hub to handle the unbalanced traffic
speed between the upstream port and the downstream ports. GL850 adopts single TT architecture, which
shares the same TT buffer for all downstream devices.
Each downstream port of GL850 supports two-color (green/amber) status LEDs to indicate normal/abnormal
status. The downstream ports of GL850 can be configured as individual mode or gang mode (4 ports as a
group) for power management. Gang mode is very helpful for cost consideration, since we can use one
poly-fuse, but not expensive power switch chips, to detect over current.
GL850 passes the current requirement (< 2.5mA) for bus-power mode when being suspended. The current
consumption is smaller than 100mA for the GL850 silicon itself. The above requirements are necessary for a
4-port bus power hub. Under adequate PCB designing, GL850 provide a good choice for customers as a 4-port
bus powered hub. Besides, GL850 can switch automatically between self-power mode and bus-power mode
without re-plugging into the PC host. The slew rate control circuits and the power fail detection circuits inside
this chip give better ESD and EMI abilities to GL850.
GL850 is designed mainly for stand-alone hub. It can also be integrated into PC motherboard or any other
compound devices to support USB hub function.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com