Electronic Components Datasheet Search
  English  ▼

X  

GL850 Datasheet(PDF) 35 Page - List of Unclassifed Manufacturers

Part # GL850
Description  USB 2.0 4-PORT HUB Controller
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

GL850 Datasheet(HTML) 35 Page - List of Unclassifed Manufacturers

Back Button GL850 Datasheet HTML 31Page - List of Unclassifed Manufacturers GL850 Datasheet HTML 32Page - List of Unclassifed Manufacturers GL850 Datasheet HTML 33Page - List of Unclassifed Manufacturers GL850 Datasheet HTML 34Page - List of Unclassifed Manufacturers GL850 Datasheet HTML 35Page - List of Unclassifed Manufacturers GL850 Datasheet HTML 36Page - List of Unclassifed Manufacturers GL850 Datasheet HTML 37Page - List of Unclassifed Manufacturers GL850 Datasheet HTML 38Page - List of Unclassifed Manufacturers GL850 Datasheet HTML 39Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 40 page
background image
GL850 USB 2.0 4-Port HUB Controller
©2000-2003 Genesys Logic Inc.—All rights reserved.
Page 35
5.4.2.6 Other Speed Configuration Descriptor
Values in all the field of High Speed Other Speed Configuration Descriptor are the same as those of Full
Speed Other Speed Configuration Descriptor.
Table 5.20 - Other Speed Configuration Descriptor for Hihg Speed
Offset
Field
Value
Description
I/O
Configuration
EEPROM
Configuration
0
bLength
09h
9 bytes for this descriptor
-
-
1
bDescriptorType
07h
Other speed descriptor
type
-
-
2
wTotalLength
19h
Total 25 bytes
-
-
4
bNumberInterface
01h
Number of interfaces
-
-
5
bConfigurationValue
01h
Configuration value
-
-
6
iConfiguration
00h
Index of string descriptor
-
-
7
bmAttribute
E0h
Can switch between self
power and bus power
-
-
8
bMaxPower
32h
Max. power = 100 mA
-
-
5.4.2.7 Interface Descriptor in Other Speed Configuration Descriptor
All the values in this descriptor are the same as those in Other Speed Interface Descriptor for full speed.
Table 5.21 - Other Speed Interface Descriptor for High Speed
Offset
Field
Value
Description
I/O
Configuration
EEPROM
Configuration
0
bLength
09h
9 bytes for this descriptor
-
-
1
bDescriptorType
04h
Interface descriptor type
-
-
2
bIerfaceNumber
00h
Interface number
-
-
3
bAlternateSetting
00h
Alternate setting
-
-
4
bNumEndpoints
01h
Number of endpoints
-
-
5
bInterfaceClass
09h
Hub class code
-
-
6
bInterfaceSubClass
00h
Subclass code
-
-
7
bInterfaceProtocol
00h
Protocol code
-
-
8
iInterface
00h
Index of string descriptor
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com