Electronic Components Datasheet Search
  English  ▼

X  

PM5347 Datasheet(PDF) 174 Page - PMC-Sierra, Inc

Part # PM5347
Description  SATURN USER NETWORK INTERFACE PLUS
PDF  302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5347 Datasheet(HTML) 174 Page - PMC-Sierra, Inc

Back Button PM5347 Datasheet HTML 170Page - PMC-Sierra, Inc PM5347 Datasheet HTML 171Page - PMC-Sierra, Inc PM5347 Datasheet HTML 172Page - PMC-Sierra, Inc PM5347 Datasheet HTML 173Page - PMC-Sierra, Inc PM5347 Datasheet HTML 174Page - PMC-Sierra, Inc PM5347 Datasheet HTML 175Page - PMC-Sierra, Inc PM5347 Datasheet HTML 176Page - PMC-Sierra, Inc PM5347 Datasheet HTML 177Page - PMC-Sierra, Inc PM5347 Datasheet HTML 178Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 174 / 302 page
background image
PM5347 S/UNI-PLUS
DATA SHEET
PMC-941033
ISSUE 6
SATURN USER NETWORK INTERFACE PLUS
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
158
Register 0x49: TPOP Path Status
Bit
Type
Function
Default
Bit 7
R/W
FEBE[3]
0
Bit 6
R/W
FEBE[2]
0
Bit 5
R/W
FEBE[1]
0
Bit 4
R/W
FEBE[0]
0
Bit 3
R/W
PRDI
0
Bit 2
R/W
APRDI
0
Bit 1
R/W
G1[1]
0
Bit 0
R/W
G1[0]
0
This register allows control over the path status byte.
G1[1], G1[0]:
The G1[1:0] bits are inserted in the unused bit positions in the path status
byte when the SRCG1 bit of the TPOP Source Control Register is logic zero
and primary input TPOHEN is low during the unused bit positions in the path
overhead input stream, TPOH.
APRDI:
The APRDI bit controls the insertion of the auxiliary path remote defect
indication. When APRDI is a logic one, the APRDI bit position in the path
status byte is set high. When APRDI is a logic zero, the APRDI bit position in
the path status byte is set low. This bit has no effect if the SRCG1 bit of the
TPOP Source Control Register is logic one or primary input TPOHEN is high
during the path status remote defect indication bit position in the path
overhead input stream in which case the value is inserted from TPOH.
PRDI:
The PRDI bit controls the insertion of the path remote defect indication. This
register bit value is logically ORed with the input TPRDI. When PRDI is a
logic one, the PRDI bit position in the path status byte is set high. When
PRDI is a logic zero, the PRDI bit position in the path status byte is set low.
This bit has no effect if the SRCG1 bit of the TPOP Source Control Register is
logic one or primary input TPOHEN is high during the path status remote



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com