Electronic Components Datasheet Search
  English  ▼

X  

PM5347 Datasheet(PDF) 175 Page - PMC-Sierra, Inc

Part # PM5347
Description  SATURN USER NETWORK INTERFACE PLUS
PDF  302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5347 Datasheet(HTML) 175 Page - PMC-Sierra, Inc

Back Button PM5347 Datasheet HTML 171Page - PMC-Sierra, Inc PM5347 Datasheet HTML 172Page - PMC-Sierra, Inc PM5347 Datasheet HTML 173Page - PMC-Sierra, Inc PM5347 Datasheet HTML 174Page - PMC-Sierra, Inc PM5347 Datasheet HTML 175Page - PMC-Sierra, Inc PM5347 Datasheet HTML 176Page - PMC-Sierra, Inc PM5347 Datasheet HTML 177Page - PMC-Sierra, Inc PM5347 Datasheet HTML 178Page - PMC-Sierra, Inc PM5347 Datasheet HTML 179Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 175 / 302 page
background image
PM5347 S/UNI-PLUS
DATA SHEET
PMC-941033
ISSUE 6
SATURN USER NETWORK INTERFACE PLUS
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
159
defect indication bit position in the path overhead input stream in which case
the value is inserted from TPOH.
FEBE[3:0]:
The FEBE[3:0] bits are inserted in the FEBE bit positions in the path status
byte when the SRCG1 bit of the TPOP Source Control Register is logic zero
and primary input TPOHEN is low during the path status FEBE bit positions in
the path overhead input stream, TPOH. The value contained in FEBE[3:0] is
cleared after being inserted in the path status byte. Any non-zero FEBE
value overwrites the value that would normally have been inserted based on
the number of receive B3 errors during the last frame. When reading this
register, a non-zero value in these bit positions indicates that the insertion of
this value is still pending.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com