Electronic Components Datasheet Search
  English  ▼

X  

PM5347 Datasheet(PDF) 171 Page - PMC-Sierra, Inc

Part # PM5347
Description  SATURN USER NETWORK INTERFACE PLUS
PDF  302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5347 Datasheet(HTML) 171 Page - PMC-Sierra, Inc

Back Button PM5347 Datasheet HTML 167Page - PMC-Sierra, Inc PM5347 Datasheet HTML 168Page - PMC-Sierra, Inc PM5347 Datasheet HTML 169Page - PMC-Sierra, Inc PM5347 Datasheet HTML 170Page - PMC-Sierra, Inc PM5347 Datasheet HTML 171Page - PMC-Sierra, Inc PM5347 Datasheet HTML 172Page - PMC-Sierra, Inc PM5347 Datasheet HTML 173Page - PMC-Sierra, Inc PM5347 Datasheet HTML 174Page - PMC-Sierra, Inc PM5347 Datasheet HTML 175Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 171 / 302 page
background image
PM5347 S/UNI-PLUS
DATA SHEET
PMC-941033
ISSUE 6
SATURN USER NETWORK INTERFACE PLUS
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
155
Register 0x46: TPOP Arbitrary Pointer MSB
Bit
Type
Function
Default
Bit 7
R/W
NDF[3]
1
Bit 6
R/W
NDF[2]
0
Bit 5
R/W
NDF[1]
0
Bit 4
R/W
NDF[0]
1
Bit 3
R/W
S[1]
0
Bit 2
R/W
S[0]
0
Bit 1
R/W
APTR[9]
0
Bit 0
R/W
APTR[8]
0
This register allows an arbitrary pointer to be inserted for diagnostic purposes.
APTR[9:8]:
The APTR[9:8] bits, along with the APTR[7:0] bits in the TPOP Arbitrary
Pointer LSB Register are used to set an arbitrary payload pointer value. The
arbitrary pointer value is inserted in the transmit stream by writing a logic one
to the PLD bit in the TPOP Pointer Control Register.
If the FTPTR bit in the TPOP Pointer Control register is a logic one, the
current APTR[9:0] value is inserted into the payload pointer bytes (H1 and
H2) in the transmit stream.
S[1], S[0]:
The S[1:0] bits contain the value inserted in the S[1:0] bit positions (also
referred to as the unused bits) in the payload pointer.
NDF[3:0]:
The NDF[3:0] bits contain the value inserted in the NDF bit positions when an
arbitrary new payload pointer value is inserted (using the PLD bit in the TPOP
Pointer Control Register) or when new data flag generation is enabled using
primary input NDF, or the NDF bit in the TPOP Pointer Control Register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com