Electronic Components Datasheet Search
  English  ▼

X  

PM5347 Datasheet(PDF) 167 Page - PMC-Sierra, Inc

Part # PM5347
Description  SATURN USER NETWORK INTERFACE PLUS
PDF  302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5347 Datasheet(HTML) 167 Page - PMC-Sierra, Inc

Back Button PM5347 Datasheet HTML 163Page - PMC-Sierra, Inc PM5347 Datasheet HTML 164Page - PMC-Sierra, Inc PM5347 Datasheet HTML 165Page - PMC-Sierra, Inc PM5347 Datasheet HTML 166Page - PMC-Sierra, Inc PM5347 Datasheet HTML 167Page - PMC-Sierra, Inc PM5347 Datasheet HTML 168Page - PMC-Sierra, Inc PM5347 Datasheet HTML 169Page - PMC-Sierra, Inc PM5347 Datasheet HTML 170Page - PMC-Sierra, Inc PM5347 Datasheet HTML 171Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 167 / 302 page
background image
PM5347 S/UNI-PLUS
DATA SHEET
PMC-941033
ISSUE 6
SATURN USER NETWORK INTERFACE PLUS
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
151
PLD:
The PLD bit controls the loading of the pointer value contained in the TPOP
Arbitrary Pointer Registers. Normally the TPOP Arbitrary Pointer Registers
are written to set up the arbitrary new pointer value, the S-bit values, and the
NDF pattern. A logic one is then written to this bit position to load the new
pointer value. The new data flag bit positions are set to the programmed NDF
pattern for the first frame; subsequent frames have the new data flag bit
positions set to the normal pattern (0110) unless the NDF bit described
above is set to a logic one. This bit is automatically cleared after the new
payload pointer has been loaded.
Note: When loading an out of range pointer (that is a pointer with a value
greater than 782), the TPOP continues to operate with timing based on the
last valid pointer value. The out of range pointer value is inserted in the
transmit stream. Although a valid SPE will continue to be generated, it is
unlikely to be extracted by downstream circuitry which should be in a loss of
pointer state.
SOS:
The SOS bit controls the stuff opportunity spacing between consecutive SPE
positive or negative stuff events. When SOS is a logic zero, stuff events may
be generated every frame as controlled by the PSE and NSE register bits
described above. When SOS is a logic one, stuff events may be generated at
a maximum rate of once every four frames.
FTPTR:
The force transient pointer bit (FTPTR) enables the insertion of the pointer
value contained in the Arbitrary Pointer Registers into the transmit stream for
diagnostic purposes. When FTPTR is a logic one, the APTR[9:0] bits of the
Arbitrary Pointer Registers are inserted into the H1 and H2 bytes of the
transmit stream. At least one corrupted pointer is guaranteed to be sent.
When FTPTR is a logic zero, the pointer value in the Current Pointer registers
is inserted in the transmit stream.
Reserved:
The reserved bits must be programmed to logic zero for proper operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com