Electronic Components Datasheet Search
  English  ▼

X  

PM5347 Datasheet(PDF) 163 Page - PMC-Sierra, Inc

Part # PM5347
Description  SATURN USER NETWORK INTERFACE PLUS
PDF  302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5347 Datasheet(HTML) 163 Page - PMC-Sierra, Inc

Back Button PM5347 Datasheet HTML 159Page - PMC-Sierra, Inc PM5347 Datasheet HTML 160Page - PMC-Sierra, Inc PM5347 Datasheet HTML 161Page - PMC-Sierra, Inc PM5347 Datasheet HTML 162Page - PMC-Sierra, Inc PM5347 Datasheet HTML 163Page - PMC-Sierra, Inc PM5347 Datasheet HTML 164Page - PMC-Sierra, Inc PM5347 Datasheet HTML 165Page - PMC-Sierra, Inc PM5347 Datasheet HTML 166Page - PMC-Sierra, Inc PM5347 Datasheet HTML 167Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 163 / 302 page
background image
PM5347 S/UNI-PLUS
DATA SHEET
PMC-941033
ISSUE 6
SATURN USER NETWORK INTERFACE PLUS
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
147
Register 0x3D: RPOP Error Event Control
Bit
Type
Function
Default
Bit 7
R/W
SOS
0
Bit 6
R/W
ENSS
0
Bit 5
R/W
BLKBIP
0
Bit 4
R/W
DISFS
0
Bit 3
R/W
BLKBIPO
0
Bit 2
R/W
Reserved
0
Bit 1
R/W
Reserved
0
Bit 0
R/W
Reserved
0
This register contains error event control bits.
BLKBIPO:
When BLKBIPO is a logic one, path FEBE indications are generated on a
block basis. A single FEBE is transmitted if one or more path B3 error
indications are detected per frame. When BLKBIPO is a logic zero, the
transmitted FEBE indicates the number of B3 errors detected (between 0 and
8 errors per frame).
DISFS:
When DISFS is a logic one, the B3 calculation ignores the fixed stuff columns
in an AU-3 carrying a VC-3. When DISFS is a logic zero, the B3 calculation
includes the fixed stuff columns in an STS-1 stream. This bit is ignored when
the S/UNI-PLUS is processing an STS-3c (STM-1) stream.
BLKBIP:
When BLKBIP is a logic one, B3 errors are reported and accumulated on a
block basis. A single B3 error is accumulated and reported to the TPOP if
one or more B3 errors are detected per frame. When BLKBIP is a logic zero,
each B3 error is accumulated and reported.
ENSS:
The ENSS bit controls whether the SS bits in the payload pointer are included
in the pointer interpreter state machine. When ENSS is a logic one, an



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com