Electronic Components Datasheet Search
  English  ▼

X  

PM5347 Datasheet(PDF) 161 Page - PMC-Sierra, Inc

Part # PM5347
Description  SATURN USER NETWORK INTERFACE PLUS
PDF  302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5347 Datasheet(HTML) 161 Page - PMC-Sierra, Inc

Back Button PM5347 Datasheet HTML 157Page - PMC-Sierra, Inc PM5347 Datasheet HTML 158Page - PMC-Sierra, Inc PM5347 Datasheet HTML 159Page - PMC-Sierra, Inc PM5347 Datasheet HTML 160Page - PMC-Sierra, Inc PM5347 Datasheet HTML 161Page - PMC-Sierra, Inc PM5347 Datasheet HTML 162Page - PMC-Sierra, Inc PM5347 Datasheet HTML 163Page - PMC-Sierra, Inc PM5347 Datasheet HTML 164Page - PMC-Sierra, Inc PM5347 Datasheet HTML 165Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 161 / 302 page
background image
PM5347 S/UNI-PLUS
DATA SHEET
PMC-941033
ISSUE 6
SATURN USER NETWORK INTERFACE PLUS
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
145
Register 0x3B: RPOP Path FEBE MSB
Bit
Type
Function
Default
Bit 7
R
PFE[15]
X
Bit 6
R
PFE[14]
X
Bit 5
R
PFE[13]
X
Bit 4
R
PFE[12]
X
Bit 3
R
PFE[11]
X
Bit 2
R
PFE[10]
X
Bit 1
R
PFE[9]
X
Bit 0
R
PFE[8]
X
These registers allow path FEBEs to be accumulated.
PFE[15:0]:
PFE[15:0] represent the number of path FEBE errors (G1) that have been
detected since the last time the error count was polled. The error count is
polled by writing to either of the RPOP Path BIP-8 Register addresses or to
either of the RPOP Path FEBE Register addresses. Such a write transfers
the internally accumulated error count to the Path FEBE Registers within a
maximum of 7 µs and simultaneously resets the internal counter to begin a
new cycle of error accumulation. This transfer and reset is carried out in a
manner that ensures that coincident events are not lost.
The count can also be polled by writing to the S/UNI-PLUS Master Reset and
Identity / Load Performance Meters register (0x00). Writing to register
address 0x00 loads all the counter registers in the RSOP, RLOP, RPOP,
RACP and TACP blocks.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com