Electronic Components Datasheet Search
  English  ▼

X  

PM5347 Datasheet(PDF) 162 Page - PMC-Sierra, Inc

Part # PM5347
Description  SATURN USER NETWORK INTERFACE PLUS
PDF  302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5347 Datasheet(HTML) 162 Page - PMC-Sierra, Inc

Back Button PM5347 Datasheet HTML 158Page - PMC-Sierra, Inc PM5347 Datasheet HTML 159Page - PMC-Sierra, Inc PM5347 Datasheet HTML 160Page - PMC-Sierra, Inc PM5347 Datasheet HTML 161Page - PMC-Sierra, Inc PM5347 Datasheet HTML 162Page - PMC-Sierra, Inc PM5347 Datasheet HTML 163Page - PMC-Sierra, Inc PM5347 Datasheet HTML 164Page - PMC-Sierra, Inc PM5347 Datasheet HTML 165Page - PMC-Sierra, Inc PM5347 Datasheet HTML 166Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 162 / 302 page
background image
PM5347 S/UNI-PLUS
DATA SHEET
PMC-941033
ISSUE 6
SATURN USER NETWORK INTERFACE PLUS
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
146
Register 0x3C: RPOP Auxiliary RDI
Bit
Type
Function
Default
Bit 7
Unused
X
Bit 6
Unused
X
Bit 5
R/W
Reserved
0
Bit 4
R/W
BLKFEBE
0
Bit 3
Unused
X
Bit 2
R/W
Reserved
0
Bit 1
R/W
APRDIE
0
Bit 0
R
APRDIV
X
APRDIE:
The APRDIE bit is the interrupt enable for auxiliary path RDI. When APRDIE
is a logic one, an interrupt is generated when the auxiliary path RDI state
changes.
APRDIV:
The APRDIV bit is read to determine the auxiliary path RDI state. When
APRDIV is a logic one, the S/UNI-PLUS has declared auxiliary path RDI.
BLKFEBE:
The BLKFEBE bit controls the accumulation of path FEBE events. When
BLKFEBE is a logic one, a single FEBE is accumulated if the received FEBE
code indicates between one and eight B3 errors have been detected by the
far end. When BLKFEBE is a logic zero, the literal number of FEBEs is
accumulated.
Reserved:
The reserved bits must be programmed to logic zero for proper operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com