Electronic Components Datasheet Search
  English  ▼

X  

PM5347 Datasheet(PDF) 166 Page - PMC-Sierra, Inc

Part # PM5347
Description  SATURN USER NETWORK INTERFACE PLUS
PDF  302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5347 Datasheet(HTML) 166 Page - PMC-Sierra, Inc

Back Button PM5347 Datasheet HTML 162Page - PMC-Sierra, Inc PM5347 Datasheet HTML 163Page - PMC-Sierra, Inc PM5347 Datasheet HTML 164Page - PMC-Sierra, Inc PM5347 Datasheet HTML 165Page - PMC-Sierra, Inc PM5347 Datasheet HTML 166Page - PMC-Sierra, Inc PM5347 Datasheet HTML 167Page - PMC-Sierra, Inc PM5347 Datasheet HTML 168Page - PMC-Sierra, Inc PM5347 Datasheet HTML 169Page - PMC-Sierra, Inc PM5347 Datasheet HTML 170Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 166 / 302 page
background image
PM5347 S/UNI-PLUS
DATA SHEET
PMC-941033
ISSUE 6
SATURN USER NETWORK INTERFACE PLUS
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
150
Register 0x41: TPOP Pointer Control
Bit
Type
Function
Default
Bit 7
Unused
X
Bit 6
R/W
FTPTR
0
Bit 5
R/W
SOS
0
Bit 4
R/W
PLD
0
Bit 3
R/W
NDF
0
Bit 2
R/W
NSE
0
Bit 1
R/W
PSE
0
Bit 0
R/W
Reserved
0
This register allows control over the transmitted payload pointer for diagnostic
purposes.
PSE:
The PSE bit controls the insertion of positive pointer movements. A logic zero
to logic one transition on this bit enables the insertion of a single positive
pointer justification in the transmit stream. This register bit is automatically
cleared when the pointer movement is inserted.
NSE:
The NSE bit controls the insertion of negative pointer movements. A logic
zero to logic one transition on this bit enables the insertion of a single
negative pointer justification in the transmit stream. This register bit is
automatically cleared when the pointer movement is inserted.
NDF:
The NDF bit controls the insertion of new data flags in the inserted payload
pointer. When a logic one is written to this bit position, the pattern contained
in the NDF[3:0] bit positions in the TPOP Arbitrary Pointer MSB Register is
inserted continuously in the payload pointer. When a logic zero is written to
this bit position, the normal pattern (0110) is inserted in the payload pointer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com